Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16543CTPVC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16543CTPVC
Description  16-Bit Latched Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16543CTPVC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT16543CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16543CTPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
16-Bit Latched Transceivers
SCCS059 - August 1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
CY74FCT16543T
CY74FCT162543T
CY74FCT162H543T
Copyright
© 2000, Texas Instruments Incorporated
Features
• FCT-E speed at 3.4 ns
• Power-off disable outputs permits live insertion
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of
−40˚C to +85˚C
•VCC = 5V ± 10%
CY74FCT16543T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce) <1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162543T Features:
• Balanced 24 mA output drivers
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
CY74FCT162H543T Features:
• Bus hold retains last active state
• Eliminates the need for external pull-up or pull-down
resistors
Functional Description
The
CY74FCT16543T and CY74FCT162543T are 16-bit,
high-speed, low power latched transceivers that are organized as two
independent 8-bit D-type latched transceivers containing two sets of
eight D-type latches with separate Latch Enable (LEAB, LEAB) and
Output Enable (OEAB, OEAB) controls for each set to permit
independent control of inputting and outputting in either direction of
data flow. For data flow from A to B, for example, the A-to-B input
Enable (CEAB) must be LOW in order to enter data from A or to take
data from B as indicated in the truth table. With CAEB LOW, a LOW
signal on the A-to-B Latch Enable (LEAB) makes the A-to-B latches
transparent; a subsequent LOW-to-HIGH transition of the LEAB
signal puts the A latches in the storage mode and their outputs no
longer change with the A inputs. With CEAB and OEAB both LOW,
the three-state B output buffers are active and reflect the data present
at the output of the A latches. Control of data from B to A is similar,
but uses CEAB, LEAB, and OEAB inputs flow-through pinout and
small shrink packaging and in simplifying board design. The output
buffers are designed with a power-off disable feature to allow live
insertion of boards.
The
CY74FCT16543T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162543T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce. The
CY74FCT162543T is ideal for driving transmission lines.
The CY74FCT162H543T is a 24-mA balanced output part that
has “bus hold” on the data inputs. The device retains the
input’s last state whenever the input goes to high impedance.
This eliminates the need for pull-up/down resistors and
prevents floating inputs.


Similar Part No. - CY74FCT16543CTPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16543CTPVC TI1-CY74FCT16543CTPVC Datasheet
1,008Kb / 22P
16-Bit Latched Transceivers
CY74FCT16543CTPVCT TI1-CY74FCT16543CTPVCT Datasheet
1,008Kb / 22P
16-Bit Latched Transceivers
More results

Similar Description - CY74FCT16543CTPVC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16543 PHILIPS-74ABT16543 Datasheet
90Kb / 12P
16-bit latched transceivers with dual enable 3-State
1998 Feb 27
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
logo
Texas Instruments
CY74FCT163245 TI-CY74FCT163245 Datasheet
67Kb / 7P
16-Bit Transceivers
CY74FCT163543 TI-CY74FCT163543 Datasheet
64Kb / 7P
16-Bit Latched Transceiver
logo
Pericom Semiconductor C...
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
Fast CMOS 16-Bit Latched Transceivers
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
Fast CMOS 16-Bit Latched Transceivers
logo
Texas Instruments
CY74FCT16245T TI-CY74FCT16245T_01 Datasheet
317Kb / 17P
16-Bit Transceivers
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
CY74FCT16543T TI1-CY74FCT16543T_15 Datasheet
1,008Kb / 22P
16-Bit Latched Transceivers
CY74FCT163245 TI1-CY74FCT163245_05 Datasheet
137Kb / 10P
16-Bit Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com