Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2 Datasheet(PDF) 10 Page - Altera Corporation

Part # EPC2
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 Datasheet(HTML) 10 Page - Altera Corporation

Back Button EPC2 Datasheet HTML 6Page - Altera Corporation EPC2 Datasheet HTML 7Page - Altera Corporation EPC2 Datasheet HTML 8Page - Altera Corporation EPC2 Datasheet HTML 9Page - Altera Corporation EPC2 Datasheet HTML 10Page - Altera Corporation EPC2 Datasheet HTML 11Page - Altera Corporation EPC2 Datasheet HTML 12Page - Altera Corporation EPC2 Datasheet HTML 13Page - Altera Corporation EPC2 Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
Table 3 describes EPC2, EPC1, and EPC1441 pin functions during
APEX II, APEX 20K, Mercury, ACEX 1K, and FLEX device configuration.
For information on EPC4, EPC8, and EPC16 devices, refer to Enhanced
Configuration Devices (EPC4, EPC8, & EPC16) Data Sheet.
Table 3. EPC2, EPC1, & EPC1441 Pin Functions During APEX II, APEX 20K, Mercury, ACEX 1K, FLEX 10K
& FLEX 6000 Configuration (Part 1 of 3)
Notes (1), (2)
Pin Name
Pin Number
Pin
Type
Description
8-Pin
PDIP (3)
20-Pin
PLCC
32-Pin
TQFP (4)
DATA
1
2
31
Output
Serial data output. The DATA pin is tri-stated before
configuration when the nCS pin is high, and after the
configuration device finishes sending its configuration
data. This operation is independent of the device’s
position in the cascade chain.
DCLK
242I/O
DCLK
is a clock output when configuring with a single
configuration device or when the configuration device is
the first device in a configuration device chain. DCLK is
a clock input for subsequent configuration devices in a
configuration device chain. Rising edges on DCLK
increment the internal address counter and present the
next bit of data to the DATA pin. The counter is
incremented only if the OE input is held high, the nCS
input is held low, and all configuration data has not
been transferred to the target device. When configuring
with the first EPC2 or EPC1 device in a configuration
device chain or with a single EPC1441 device, the
DCLK
pin drives low after configuration is complete or
when OE is low.
OE
(5)
387Open-
Drain
I/O
Output enable (active high) and reset (active low). A
low logic level resets the address counter. A high logic
level enables DATA and permits the address counter to
count. If this pin is low (reset) during configuration, the
internal oscillator becomes inactive and DCLK drives
low. See “Error Detection Circuitry” on page 23.
nCS
(5)
4
9
10
Input
Chip select input (active low). A low input allows DCLK
to increment the address counter and enables DATA to
drive out. If the EPC1 or EPC2 is reset with nCS low, the
device initializes as the first device in a configuration
chain. If the EPC1 or EPC2 device is reset with nCS
high, the device initializes as the subsequent device in
the chain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com