Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2 Datasheet(PDF) 31 Page - Altera Corporation

Part # EPC2
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 Datasheet(HTML) 31 Page - Altera Corporation

Back Button EPC2 Datasheet HTML 27Page - Altera Corporation EPC2 Datasheet HTML 28Page - Altera Corporation EPC2 Datasheet HTML 29Page - Altera Corporation EPC2 Datasheet HTML 30Page - Altera Corporation EPC2 Datasheet HTML 31Page - Altera Corporation EPC2 Datasheet HTML 32Page - Altera Corporation EPC2 Datasheet HTML 33Page - Altera Corporation EPC2 Datasheet HTML 34Page - Altera Corporation EPC2 Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Altera Corporation
31
Configuration Devices for SRAM-Based LUT Devices Data Sheet
Notes to
Tables 12 − 19:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
The minimum DC input is –0.3 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 7.0 V for
input currents less than 100 mA and periods shorter than 20 ns under no-load conditions.
(3)
Numbers in parentheses are for industrial-temperature-range devices.
(4)
Maximum VCC rise time is 100 ms.
(5)
Certain EPC2 pins may be driven to 5.75 V when operated with a 3.3-V VCC. See Table 9 on page 26.
(6)
The IOH parameter refers to high-level TTL or CMOS output current; the IOL parameter refers to low-level TTL or
CMOS output current.
(7)
Capacitance is sample-tested only.
Table 15. EPC1213, EPC1064 & EPC1064V Device ICC Supply Current Values
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC0
VCC supply current (standby)
100
200
µA
ICC1
VCC supply current
(during configuration)
10
50
mA
Table 16. EPC2 Device ICC Supply Current Values
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC0
VCC supply current (standby)
VCC = 5.0 V or 3.3 V
50
100
µA
ICC1
VCC supply current (during configuration) VCC = 5.0 V or 3.3 V
18
50
mA
Table 17. EPC1 Device ICC Supply Current Values
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC0
VCC supply current (standby)
50
100
µA
ICC1
VCC supply current (during configuration) VCC = 5.0 V
30
50
mA
VCC = 3.3 V
10
16.5
mA
Table 18. EPC1441 Device ICC Supply Current Values
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC0
VCC supply current (standby)
30
60
µA
ICC1
VCC supply current (during configuration) VCC = 5.0 V
15
30
mA
ICC1
VCC supply current (during configuration) VCC = 3.3 V
5
10
mA
Table 19. Capacitance
Note (7)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input pin capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
COUT
Output pin capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com