Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2 Datasheet(PDF) 15 Page - Altera Corporation

Part # EPC2
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 Datasheet(HTML) 15 Page - Altera Corporation

Back Button EPC2 Datasheet HTML 11Page - Altera Corporation EPC2 Datasheet HTML 12Page - Altera Corporation EPC2 Datasheet HTML 13Page - Altera Corporation EPC2 Datasheet HTML 14Page - Altera Corporation EPC2 Datasheet HTML 15Page - Altera Corporation EPC2 Datasheet HTML 16Page - Altera Corporation EPC2 Datasheet HTML 17Page - Altera Corporation EPC2 Datasheet HTML 18Page - Altera Corporation EPC2 Datasheet HTML 19Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
Altera Corporation
15
Configuration Devices for SRAM-Based LUT Devices Data Sheet
Figure 6 shows two APEX II, APEX 20K, Mercury, ACEX 1K, and FLEX
devices configured with two EPC2 or EPC1 devices.
Figure 6. Two ACEX 1K, APEX 20K, APEX II, FLEX 10K, FLEX 6000, or Mercury Devices Configured with Two
EPC2 or EPC1 Configuration Devices
Note (1)
Configuration
Device 1
Configuration
Device 2
VCC
VCC
GND
GND
VCC
DCLK
DATA0
nSTATUS
CONF_DONE
nCONFIG
GND
nCE
MSEL0
MSEL1
DCLK
DATA0
nSTATUS
CONF_DONE
nCONFIG
nCE
MSEL0
MSEL1
nCEO
(2)
(2)
(2)
LUT-Based PLD
(3)
LUT-Based PLD
(3)
DCLK
DATA
nCS
OE
DCLK
DATA
OE
nCS
nINIT_CONF
(5)
nCASC
(4)
Configuration
Device 1
Configuration
Device 2
VCC
VCC
GND
GND
VCCINT
DCLK
DATA0
nSTATUS
CONF_DONE
nCONFIG
GND
nCE
MSEL0
MSEL1
DCLK
DATA0
nSTATUS
CONF_DONE
nCONFIG
nCE
MSEL0
MSEL1
nCEO
(2)
(2)
(2)
(6)
APEX 20KE PLD
(7)
APEX 20KE PLD
(7)
DCLK
DATA
nCS
OE
DCLK
DATA
OE
nCS
nINIT_CONF
(5)
nCASC
(4)
(8)
APEX II, ACEX 1K, Mercury, APEX 20KC,
APEX 20K, FLEX 10K, & FLEX 6000 Devices
APEX 20KE Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com