Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2 Datasheet(PDF) 22 Page - Altera Corporation

Part # EPC2
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 Datasheet(HTML) 22 Page - Altera Corporation

Back Button EPC2 Datasheet HTML 18Page - Altera Corporation EPC2 Datasheet HTML 19Page - Altera Corporation EPC2 Datasheet HTML 20Page - Altera Corporation EPC2 Datasheet HTML 21Page - Altera Corporation EPC2 Datasheet HTML 22Page - Altera Corporation EPC2 Datasheet HTML 23Page - Altera Corporation EPC2 Datasheet HTML 24Page - Altera Corporation EPC2 Datasheet HTML 25Page - Altera Corporation EPC2 Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
Table 7 describes the pin functions of all configuration devices during
FLEX 8000 device configuration.
Notes: to
Table 7
(1)
This package is available for EPC1, EPC1441, EPC1213, EPC1064, and EPC1064V devices only.
(2)
This package is available for EPC1441, EPC1064, and EPC1064V devices only.
(3)
The EPC1441, EPC1064, and EPC1064V devices do not support data cascading. The EPC1 and EPC1213 devices
support data cascading for FLEX 8000 devices.
f For more information on FLEX 8000 device configuration, see the
following documents:
■
Application Note 33 (Configuring FLEX 8000 Devices)
■
Application Note 38 (Configuring Multiple FLEX 8000 Devices)
Table 7. Configuration Device Pin Functions During FLEX 8000 Device Configuration
Pin Name
Pin Number
Pin
Type
Description
8-Pin
PDIP (1)
20-Pin
PLCC
32-Pin
TQFP (2)
DATA
12
31
Output
Serial data output. The DATA pin is tri-stated before
configuration when the nCS pin is high and after the
configuration device finishes sending its configuration
data. This operation is independent of the device’s
position in the cascade chain.
DCLK
24
2
Input
DCLK
is a clock input when using EPC1, EPC1213,
EPC1064, and EPC1064V configuration devices. Rising
edges on DCLK increment the internal address counter
and present the next bit of data to the DATA pin. The
counter is incremented only if the OE input is held high,
the nCS input is held low, and all configuration data has
not been transferred to the target device.
OE
38
7
Open-
Drain
I/O
Output enable (active high) and reset (active low). A low
logic level resets the address counter. A high logic level
enables DATA and permits the address counter to count.
nCS
(3)
4
9
10
Input
Chip-select input (active low). A low input allows DCLK to
increment the address counter and enables DATA.
nCASC
6
12
15
Output
Cascade-select output (active low). This output goes low
when the address counter has reached its maximum
value. The nCASC output is usually connected to the nCS
input of the next device in a configuration chain, so the
next DCLK clocks data out of the next device.
VCC
7, 8
20
27
Power
Power pin.
GND
5
10
12
Ground Ground pin. A 0.2-
µF decoupling capacitor must be
placed between the VCC and GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com