Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC352 Datasheet(PDF) 5 Page - Altera Corporation

Part # HC352
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC352 Datasheet(HTML) 5 Page - Altera Corporation

  HC352 Datasheet HTML 1Page - Altera Corporation HC352 Datasheet HTML 2Page - Altera Corporation HC352 Datasheet HTML 3Page - Altera Corporation HC352 Datasheet HTML 4Page - Altera Corporation HC352 Datasheet HTML 5Page - Altera Corporation HC352 Datasheet HTML 6Page - Altera Corporation HC352 Datasheet HTML 7Page - Altera Corporation HC352 Datasheet HTML 8Page - Altera Corporation HC352 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–3
Electrical Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
Figure 1–1 shows the methodology to determine the overshoot duration. The
overshoot voltage is displayed in red and is present at the HardCopy III pin, up to
4.1 V. From Table 1–2, for an overshoot of up to 4.1 V, the percentage of high time for
overshoot > 3.15 V can be as high as 46% over an 11.4 year period. The percentage of
high-time is calculated as (delta T/T) × 100. This 11.4 year period assumes the device
is always turned on with 100% I/O toggle rate and 50% duty cycle signal. For lower
I/O toggle rates and situations where the device is in an idle state, lifetimes are
increased.
Recommended Operating Conditions
This section lists the functional operation limits for AC and DC parameters for
HardCopy III devices. The steady-state voltage and current values expected from
HardCopy III devices are provided in Table 1–3. All supplies are required to
monotonically reach their full-rail values within tRAMP maximum. Allowed ripple on
power supplies is bounded by the minimum and maximum specifications listed in
Table 1–3.
Figure 1–1. Overshoot Duration
3.0 V
3.15 V
4.1 V
T
ΔT
Table 1–3. HardCopy III Device Recommended Operating Conditions – Preliminary (Part 1 of 2)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
V
CCL (1)
Core voltage power supply for
internal logic and input buffers
—
0.87
0.9
0.93
V
V
CC (1)
I/O registers power supply
—
0.87
0.9
0.93
V
V
CCD_PLL (1)
PLL digital power supply
—
0.87
0.9
0.93
V
V
CCA_PLL
PLL analog power supply
—
2.375
2.5
2.625
V
V
CCPT (2)
Power supply for the temperature
sensing diode
—
2.375
2.5
2.625
V
V
CCPGM
Configuration pins power supply,
3.0 V
—
2.85
3.0
3.15
V
Configuration pins power supply,
2.5 V
—
2.375
2.5
2.625
V
Configuration pins power supply,
1.8 V
—
1.71
1.8
1.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com