Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC352 Datasheet(PDF) 22 Page - Altera Corporation

Part # HC352
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC352 Datasheet(HTML) 22 Page - Altera Corporation

Back Button HC352 Datasheet HTML 18Page - Altera Corporation HC352 Datasheet HTML 19Page - Altera Corporation HC352 Datasheet HTML 20Page - Altera Corporation HC352 Datasheet HTML 21Page - Altera Corporation HC352 Datasheet HTML 22Page - Altera Corporation HC352 Datasheet HTML 23Page - Altera Corporation HC352 Datasheet HTML 24Page - Altera Corporation HC352 Datasheet HTML 25Page - Altera Corporation HC352 Datasheet HTML 26Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
1–20
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
Switching Characteristics
HardCopy III Device Handbook, Volume 3
© December 2008
Altera Corporation
DLL and DQS Logic Block Specifications
Table 1–29 describes the delay-locked loop (DLL) frequency range specifications for
HardCopy III devices.
Table 1–30 describes the DQS phase offset delay per setting for HardCopy III devices.
OCT Calibration Block Specifications
Table 1–31 shows the on-chip termination calibration block specifications for
HardCopy III devices.
Table 1–29. HardCopy III DLL Frequency Range Specifications – Preliminary (Note 1)
Frequency Mode
Frequency Range (MHz)
Resolution (Degrees)
0TBD
22.5
1TBD
30
2TBD
36
3TBD
45
4TBD
30
5TBD
36
6TBD
45
Note to Table 1–29:
(1) Pending silicon characterization.
Table 1–30. Average DQS Phase Offset Delay per Setting – Preliminary (Note 1), (2), (3), (4)
Min
Typ
Max
Unit
711
15
ps
Notes to Table 1–30:
(1) The valid settings for phase offset are –64 to +63 for frequency modes 0 to 3 and –32 to +31 for frequency modes
4 to 6.
(2) The typical value equals the average of the minimum and maximum values.
(3) The delay settings are linear with a cumulative delay variation of ±20ps for all speed grades.
(4) Pending silicon characterization.
Table 1–31. On-Chip Termination Calibration Block Specification – Preliminary
Symbol
Description
Min
Typical
Max
Unit
OCTUSRCLK
Clock required by OCT calibration blocks
—
—
20
MHz
t
OCTC AL
Number of OCTUSRCLK clock cycles required for OCT RS and
RT calibration
—
1000
—
cycles
t
OCTS HIFT
Number of OCTUSRCLK clock cycles required for OCT code to
shift out per OCT calibration block
—
28
—
cycles
t
RS_RT
Time required to dynamically switch from R
S to RT
—2.5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com