Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC352 Datasheet(PDF) 3 Page - Altera Corporation

Part # HC352
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC352 Datasheet(HTML) 3 Page - Altera Corporation

  HC352 Datasheet HTML 1Page - Altera Corporation HC352 Datasheet HTML 2Page - Altera Corporation HC352 Datasheet HTML 3Page - Altera Corporation HC352 Datasheet HTML 4Page - Altera Corporation HC352 Datasheet HTML 5Page - Altera Corporation HC352 Datasheet HTML 6Page - Altera Corporation HC352 Datasheet HTML 7Page - Altera Corporation HC352 Datasheet HTML 8Page - Altera Corporation HC352 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
1. DC and Switching Characteristics of
HardCopy III Devices
Electrical Characteristics
This chapter provides information about the absolute maximum ratings,
recommended operating conditions, DC electrical characteristics, and other
specifications for HardCopy® III devices. HardCopy III devices are offered in both
commercial and industrial grades.
Operating Conditions
When HardCopy III devices are implemented in a system, they are rated according to
a set of defined parameters. To maintain the highest possible performance and
reliability, you must consider the operating requirements described in this chapter.
HardCopy III devices are not speed binned like Stratix® III devices because
HardCopy III devices are designed and built to function at a target frequency based
on timing constraints, and operate at either commercial or industrial temperatures.
Absolute Maximum Ratings
Absolute maximum ratings define the maximum operating conditions for
HardCopy III devices. The values are based on experiments conducted with the
device and theoretical modeling of breakdown and damage mechanisms. The
functional operation of the device is not implied by these conditions. Conditions
beyond those listed in Table 1–1 can cause permanent damage to the device.
Additionally, device operation at the absolute maximum ratings for extended periods
of time can have adverse effects on the device.
Table 1–1. HardCopy III Device Absolute Maximum Ratings – Preliminary (Part 1 of 2) (Note 1)
Symbol
Parameter
Minimum
Maximum
Unit
V
CCL
Core voltage power supply
–0.5
1.35
V
V
CC
I/O registers power supply
–0.5
1.35
V
V
CCD_PLL
PLL digital power supply
–0.5
1.35
V
V
CCA_PLL
PLL analog power supply
–0.5
3.75
V
V
CCPT (2)
Power supply for the temperature sensing
diode
–0.5
3.75
V
V
CCPGM
Configuration pins power supply
–0.5
3.9
V
V
CCPD
I/O pre-driver power supply
–0.5
3.9
V
V
CCIO
I/O power supply
–0.5
3.9
V
V
CC_CLKIN
Differential clock input power supply (top and
bottom I/O banks only)
–0.5
3.75
V
V
CCBAT (3)
Battery back-up power supply for design
security volatile key register
——
V
V
I
DC input voltage
–0.5
4.0
V
T
J
Operating junction temperature
–55
125
°C
I
OUT
DC output current, per pin
–25
40
mA
HIII53001-2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com