Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC352 Datasheet(PDF) 21 Page - Altera Corporation

Part # HC352
Description  HardCopy III Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

HC352 Datasheet(HTML) 21 Page - Altera Corporation

Back Button HC352 Datasheet HTML 17Page - Altera Corporation HC352 Datasheet HTML 18Page - Altera Corporation HC352 Datasheet HTML 19Page - Altera Corporation HC352 Datasheet HTML 20Page - Altera Corporation HC352 Datasheet HTML 21Page - Altera Corporation HC352 Datasheet HTML 22Page - Altera Corporation HC352 Datasheet HTML 23Page - Altera Corporation HC352 Datasheet HTML 24Page - Altera Corporation HC352 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Chapter 1: DC and Switching Characteristics of HardCopy III Devices
1–19
Switching Characteristics
© December 2008
Altera Corporation
HardCopy III Device Handbook, Volume 3
External Memory I/O Timing Specifications
Table 1–27 and Table 1–28 list HardCopy III device timing uncertainties on the read
and write data paths. Use these specifications to determine timing margins for source
synchronous paths between the HardCopy III FPGA and the external memory device.
Refer to Figure 1–5 in the “SW (sampling window)” row in Table 1–33.
Table 1–27. Sampling Window (SW), Read Side – Preliminary (Note 1)
Location (2)
Memory Type
Sampling Window (ps)
Setup
Hold
VIO
DDR3
TBD
TBD
VIO
DDR2
TBD
TBD
VIO
DDR1
TBD
TBD
VIO
QDRII / II +
TBD
TBD
VIO
RLDRAM II
TBD
TBD
HIO
DDR3
TBD
TBD
HIO
DDR2
TBD
TBD
HIO
DDR1
TBD
TBD
HIO
QDRII / II +
TBD
TBD
HIO
RLDRAM
TBD
TBD
Notes to Table 1–27:
(1) Pending silicon characterization.
(2) VIO (vertical I/O) refers to I/Os in the top and bottom banks; HIO (horizontal I/O) refers to I/Os in the left and right
banks.
Table 1–28. Transmitter Channel-to-Channel Skew (TCCS), Write Side – Preliminary (Note 1)
Location (2)
Memory Type
TCCS (ps)
Lead
Lag
VIO
DDR3
TBD
TBD
VIO
DDR2
TBD
TBD
VIO
DDR1
TBD
TBD
VIO
QDRII / II +
TBD
TBD
VIO
RLDRAM II
TBD
TBD
HIO
DDR3
TBD
TBD
HIO
DDR2
TBD
TBD
HIO
DDR1
TBD
TBD
HIO
QDRII / II +
TBD
TBD
HIO
RLDRAM II
TBD
TBD
Notes to Table 1–28:
(1) Pending silicon characterization.
(2) VIO (vertical I/O) refers to I/Os in the top and bottom banks; HIO (horizontal I/O) refers to I/Os in the left and right
banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com