Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-R6 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-R6
Description  High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-R6 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-R6 Datasheet HTML 1Page - Mini-Circuits ADE-R6 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
0.15-250
DC-200
4.6
0.05
7.0
7.5
70 50
55 40
42 28
65 45
45 27
32 18
10
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 7 (LO Power +7 dBm) 0.15 to 250 MHz
High Reliability Mixer
Surface Mount
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Electrical Specifications
REV. OR
M109914
ADE-R6+
ED-12872/7
WL/TD/QL
070516
Typical Performance Data
Electrical Schematic
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 4.6 dB typ.
• excellent L-R isolation, 55 dB typ.
• low profile package
• aqueous washable
• protected by US Patent 6,133,525
Applications
• cellular
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
ADE-R6+
CASE STYLE: CD637
PRICE: $5.35 ea. QTY. (10-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
0.15
30.10
4.77
67.20
56.68
1.23
2.57
0.20
30.20
4.76
67.02
56.62
1.21
2.57
0.50
30.50
4.74
66.81
56.59
1.21
2.57
1.00
31.00
4.71
67.12
56.34
1.22
2.56
5.00
35.00
4.65
65.59
54.88
1.22
2.56
10.00
40.00
4.64
64.80
53.73
1.22
2.54
22.00
52.00
4.65
62.28
50.03
1.21
2.56
42.00
72.00
4.71
59.58
45.36
1.17
2.55
52.00
82.00
4.75
58.11
43.75
1.17
2.54
72.00
102.00
4.80
53.23
40.96
1.14
2.52
92.00
122.00
4.76
60.22
37.63
1.08
2.57
102.00
132.00
4.86
55.06
37.74
1.10
2.64
120.00
150.00
5.03
47.68
37.44
1.12
2.70
140.00
170.00
5.03
42.60
35.88
1.14
2.66
160.00
190.00
5.13
41.55
32.76
1.16
2.67
180.00
210.00
5.32
41.37
31.05
1.05
2.88
200.00
230.00
5.71
40.03
29.83
1.16
3.05
220.00
250.00
5.76
38.44
28.28
1.30
3.05
240.00
270.00
5.80
36.97
26.07
1.42
2.87
250.00
280.00
5.85
35.69
24.46
1.48
2.78
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Drawing
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
.272
.310
.220
.100
.206
.055
.100
6.91
7.87
5.59
2.54
5.23
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.40


Similar Part No. - ADE-R6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
ADE-R6LH+ MINI-ADE-R6LH+ Datasheet
232Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
More results

Similar Description - ADE-R6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
SCM-2+ MINI-SCM-2+ Datasheet
196Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
TUF-R1SM MINI-TUF-R1SM Datasheet
268Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com