Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUF-R1SM Datasheet(PDF) 1 Page - Mini-Circuits

Part # TUF-R1SM
Description  High Reliability Mixer Level 7 (LO Power 7 dBm) 5 to 600 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TUF-R1SM Datasheet(HTML) 1 Page - Mini-Circuits

  TUF-R1SM Datasheet HTML 1Page - Mini-Circuits TUF-R1SM Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ. Min.
Typ.
5-600
DC-600
5.9
0.2
7.0
8.0
60 45
50 32
42 26
60 43
48 34
40 25
16
1 dB COMP.: +1 dBm typ.
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 7 (LO Power +7 dBm) 5 to 600 MHz
High Reliability Mixer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
4
RF
1
IF
2
GROUND
3
CASE GROUND
3
Outline Drawing
Electrical Specifications
REV. OR
M109914
TUF-R1SM+
ED-12916/1
WL/TD/QL
070516
Typical Performance Data
Electrical Schematic
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Features
• hermetically sealed ceramic quad
• low conversion loss, 5.9 dB typ.
• excellent isolation L-R, 50 dB typ; L-I, 48 dB typ.
• rugged welded construction
• shielded metal case
Applications
• VHF/UHF
• FM radio
• defense & federal communications
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
TUF-R1SM+
CASE STYLE: NNN150
PRICE: $7.90 ea. QTY. (1-9)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
A
B
C
D
E
F
G
.50
.48
.255
.240
.23
.21
.06
12.70 12.19
6.48
6.10
5.84
5.33
1.52
H
J
K
L
M
N
wt
.100
.09
.16
.020
.09
.005 grams
2.54
2.29
4.06
0.51
2.29
0.13
1.9
Demo Board MCL PIN: TB-201
Suggested PCB Layout (PL-081)
4.00
34.00
6.06
66.56
61.24
1.36
2.64
6.00
36.00
5.95
66.02
61.15
1.25
2.58
10.00
40.00
5.89
65.37
60.45
1.17
2.70
32.00
62.00
5.92
61.99
57.62
1.11
2.65
40.50
70.50
5.94
61.46
57.67
1.11
2.72
49.00
79.00
5.93
60.24
56.26
1.11
2.56
66.00
96.00
5.94
58.07
54.36
1.11
2.47
74.50
104.50
5.95
58.24
54.77
1.11
2.64
83.00
113.00
5.95
57.74
54.71
1.11
2.65
91.50
121.50
5.95
57.54
54.68
1.11
2.59
100.00
130.00
5.95
56.70
53.58
1.11
2.68
160.00
190.00
5.95
53.29
50.36
1.13
2.61
220.00
250.00
5.96
51.73
49.52
1.15
2.79
250.00
280.00
5.95
50.55
48.71
1.15
2.55
310.00
340.00
5.96
49.80
47.68
1.17
2.74
340.00
370.00
5.93
49.37
46.42
1.20
2.48
400.00
430.00
5.97
46.91
43.69
1.18
2.76
442.50
472.50
5.99
46.17
43.81
1.20
2.74
527.50
557.50
6.08
46.85
41.81
1.27
2.74
600.00
630.00
6.25
45.82
42.54
1.29
2.47


Similar Part No. - TUF-R1SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TUF-R1LHSM MINI-TUF-R1LHSM Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R1LHSM+ MINI-TUF-R1LHSM+ Datasheet
267Kb / 2P
High Reliability Mixer Level 10 (LO Power 10 dBm) 5 to 600 MHz
TUF-R1MHSM MINI-TUF-R1MHSM Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
TUF-R1MHSM+ MINI-TUF-R1MHSM+ Datasheet
264Kb / 2P
High Reliability Mixer Level 13 (LO Power 13 dBm) 5 to 600 MHz
More results

Similar Description - TUF-R1SM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
SCM-2+ MINI-SCM-2+ Datasheet
196Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
ADE-5 MINI-ADE-5 Datasheet
256Kb / 2P
Level 7 (LO Power 7 dBm) 5 to 1500 MHz
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R20 MINI-ADE-R20 Datasheet
224Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 1500 to 2800 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R3SM MINI-TUF-R3SM Datasheet
263Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.25 to 400 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com