Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRK81B080CS Datasheet(PDF) 1 Page - C&D Technologies

Part # VRK81B080CS
Description  Programmable, 80A Single Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VRK81B080CS Datasheet(HTML) 1 Page - C&D Technologies

  VRK81B080CS Datasheet HTML 1Page - C&D Technologies VRK81B080CS Datasheet HTML 2Page - C&D Technologies VRK81B080CS Datasheet HTML 3Page - C&D Technologies VRK81B080CS Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VRK81B080CS
Programmable, 80A Single Output DC/DC Converter
ODC_VRK81B080CS.1 Page 1 of 4
www.cd4power.com
FEATURES
Meets AMD K8 requirements
DAC Programmable output voltage
Power good output
Differential remote sense
Remote enable
Supervisory functions
Latch off overcurrent
Short circuit protection
Tri-state output when disabled
Dynamic VID capability
SMBus temperature monitor
DESCRIPTION
VRK81B080CS is designed to meet the fast load
transients required by AMD 64-bit processors
and is fully compliant with the latest AMD64™
processor power specifications. High efficiency of
85% at full load for reduced power dissipation to
simplify system thermal management. Packaged
in a compact design, VRK81B080CU is ideal for use
in a wide variety of server applications.
SELECTION GUIDE
Order Code
Input Voltage
Output Voltage
Output
Current
Efficiency
V (NOM.)
V
A
% (TYP.)
VRK81B080CS
12
0.8-1.55
80
85
INPUT CHARACTERISTICS
Parameter
Conditions1
MIN.
TYP.
MAX.
Units
Input voltage operating range
10.2
12.0
13.2
V
Under voltage lockout
Turn-on threshold
6.5
6.9
7.3
Turn-off threshold
5.4
6.0
6.6
Hysteresis voltage
0.7
0.9
1.1
Maximum input current
Typical: 80A, 1.4VID, VIN = 12V
11
A
Max: 80A, 1.55VID, VIN = 12V
13
No-load input current
Enable state, no load
100
200
400
mA
Disabled input current
Disabled state
10
20
50
Enable - positive logic
On state range
0.8
5
V
Off state range
-0.3
0.4
OUTPUT CHARACTERISTICS
Parameter
Conditions1
MIN.
TYP.
MAX.
Units
Voltage set point
5-Bit DAC controlled
0.800
1.55
V
Line regulation
-5
0
5.0
mV
Load regulation
0.6
mΩ
Voltage total regulation DC
VID-50mV
VID+50mV
V
Ripple & noise 2
20MHz bandwidth, using
recommended output capacitors
8.4
mVp-p
Current operating range
0
80
A
Efficiency
IO = 80A, VID = 1.325V
83
85
%
Turn-on time
VIN present: enable to 90% VOUT
50
mS
Recommended bulk output
capacitance
560μF, 4V alum poly
8
EA
10μF, 1206 X7R ceramic
25
EA
GENERAL CHARACTERISTICS
Parameter
Conditions1
MIN.
TYP.
MAX.
Units
Semiconductor junction
temperature
Package rated to 150ºC
115
ºC
Material flammability
UL 94V-0
MTBF
Calculated (RAC PRISM)
1.303
x106 Hrs
Switching frequency
Per phase
300
KHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions1
MIN.
TYP.
MAX.
Units
Storage temperature range
Non-condensing
-40
70
ºC
Operating temperature
range
See derating graph
0
60
PROTECTION CHARACTERISTICS
Parameter
Conditions1
MIN.
TYP.
MAX.
Units
Output overcurrent
shutdown
Latching
85
120
A
Overvoltage Indication,
CBOUT
VOUT
2.1
V
1. VIN = 12VDC, TA = 25ºC, Airflow = 400LFM unless otherwise noted.
2. Output ripple voltage is specified when measured with recommended capacitance at the output of the converter
.


Similar Part No. - VRK81B080CS

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VRK81B080CU MURATA-PS-VRK81B080CU Datasheet
166Kb / 4P
Programmable, 80A Single Output DC/DC Converter
VRK81B080CU-1C MURATA-PS-VRK81B080CU-1C Datasheet
166Kb / 4P
Programmable, 80A Single Output DC/DC Converter
More results

Similar Description - VRK81B080CS

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MDC_VRK81B100CS MURATA-MDC_VRK81B100CS Datasheet
129Kb / 4P
Programmable, 100A Single Output DC/DC Converter
logo
Murata Power Solutions ...
VR091B080CL MURATA-PS-VR091B080CL Datasheet
139Kb / 3P
DC/DC Converter Programmable, Single Output, 1.100V - 1.85V @ 80A
VR091B080CS MURATA-PS-VR091B080CS Datasheet
120Kb / 3P
DC/DC Converter Programmable, Single Output, 1.075V - 1.85V @ 80A
VR100B080CU-2C MURATA-PS-VR100B080CU-2C Datasheet
151Kb / 6P
DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 80A
logo
C&D Technologies
VR102B150CS-2C CANDD-VR102B150CS-2C Datasheet
117Kb / 5P
DC/DC Converter Programmable, Single Output, 0.8375V - 1.600Vout @ 150A
VR102B150CU CANDD-VR102B150CU Datasheet
251Kb / 4P
DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
VR102B150CU-3C CANDD-VR102B150CU-3C Datasheet
107Kb / 5P
DC/DC Converter Programmable, Single Output, 0.8375 - 1.600Vout @ 150A
logo
Murata Power Solutions ...
VRK81B080CU MURATA-PS-VRK81B080CU Datasheet
166Kb / 4P
Programmable, 80A Single Output DC/DC Converter
VRK81B100TH MURATA-PS-VRK81B100TH Datasheet
173Kb / 4P
Programmable, 100A Single Output DC/DC Converter
logo
ON Semiconductor
LV52133A ONSEMI-LV52133A Datasheet
853Kb / 15P
Programmable DC-DC Converter dual-output, Single-Inductor
June 2016- Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com