Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRK81B080CS Datasheet(PDF) 4 Page - C&D Technologies

Part # VRK81B080CS
Description  Programmable, 80A Single Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VRK81B080CS Datasheet(HTML) 4 Page - C&D Technologies

  VRK81B080CS Datasheet HTML 1Page - C&D Technologies VRK81B080CS Datasheet HTML 2Page - C&D Technologies VRK81B080CS Datasheet HTML 3Page - C&D Technologies VRK81B080CS Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VRK81B080CS
Programmable, 80A Single Output DC/DC Converter
ODC_VRK81B080CS.1 Page 4 of 4
www.cd4power.com
PACKAGE SPECIFICATIONS (continued)
MECHANICAL DIMENSIONS
C&D Technologies, Inc reserves the right to alter or improve the specification, internal design or manufacturing process
at any time, without notice. Please check with your supplier or visit our website to ensure that you have the current and
complete specification for your product before use.
© C&D Technologies, Inc. 2006
ODC_VRK81B080CS.1
No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including,
but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D
Technologies, Inc. Instructions for use are available from www.cd4power.com.
C&D Technologies, Inc.
4607 S.E. International Way,
Milwaukie, Oregon 97222, USA
Tel: +1 (971) 206-2800
Fax: +1 (503) 786-5011
email: oregon@cdtechno.com
C&D Technologies, Inc.
11 Cabot Boulevard, Mansfield,
MA 02048-1151, USA
Tel: +1 (508) 339-3000
Fax: +1 (800) 233-2765
email: sales@cdtechno.com
All dimensions in inches ±0.03 (mm ±0.25mm).
Weight: 2.08oz (59g)
Recommended Interface Connector Options
Typco/Elcon
283-0172-01303 (Solder Tail, Long)
283-0172-02303 (Solder Tail, Short)
284-0202-03003 (Surface Mount)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com