Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRK81B080CS Datasheet(PDF) 3 Page - C&D Technologies

Part # VRK81B080CS
Description  Programmable, 80A Single Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VRK81B080CS Datasheet(HTML) 3 Page - C&D Technologies

  VRK81B080CS Datasheet HTML 1Page - C&D Technologies VRK81B080CS Datasheet HTML 2Page - C&D Technologies VRK81B080CS Datasheet HTML 3Page - C&D Technologies VRK81B080CS Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VRK81B080CS
Programmable, 80A Single Output DC/DC Converter
ODC_VRK81B080CS.1 Page 3 of 4
www.cd4power.com
PART NUMBER CODING
PACKAGE SPECIFICATIONS
PIN ASSIGNMENT
Pin
Signal
Pin
Signal
1
GND
54
+12VIN
2
GND
53
+12VIN
3
GND
52
+12VIN
4
VID4
51
VID3
5
VID2
50
VID1
6
VID0
49
NC
7
COREFB_H
48
CORERB_L
8
PWRGD
47
CBOUT
9
ENABLE
461
ADD 0
101
SmDA
451
ADD 1
111
SMCL
44
VRMPRES_L
12
SGND
43
+5V ALWAYS
13
VDD CORE+
42
VDD CORE+
14
VDD CORE+
41
VDD CORE+
15
VDD CORE+
40
VDD CORE+
16
GND
39
GND
17
GND
38
GND
18
GND
37
GND
19
VDD CORE+
36
VDD CORE+
20
VDD CORE+
35
VDD CORE+
21
VDD CORE+
34
VDD CORE+
22
VDD CORE+
33
VDD CORE+
23
VDD CORE+
32
VDD CORE+
24
VDD CORE+
31
VDD CORE+
25
GND
30
GND
26
GND
29
GND
27
GND
28
GND
1. Optional features. Substitute “NC” if option is not ordered.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com