Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRK81B080CS Datasheet(PDF) 2 Page - C&D Technologies

Part # VRK81B080CS
Description  Programmable, 80A Single Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

VRK81B080CS Datasheet(HTML) 2 Page - C&D Technologies

  VRK81B080CS Datasheet HTML 1Page - C&D Technologies VRK81B080CS Datasheet HTML 2Page - C&D Technologies VRK81B080CS Datasheet HTML 3Page - C&D Technologies VRK81B080CS Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VRK81B080CS
Programmable, 80A Single Output DC/DC Converter
ODC_VRK81B080CS.1 Page 2 of 4
www.cd4power.com
THERMAL DERATING GRAPH
VID CODES
VID4
VID3
VID2
VID1
VID0
VOUT
0
0
0
0
0
1.550
0
0
0
0
1
1.525
0
0
0
1
0
1.500
0
0
0
1
1
1.475
0
0
1
0
0
1.450
0
0
1
0
1
1.425
0
0
1
1
0
1.400
0
0
1
1
1
1.375
0
1
0
0
0
1.350
0
1
0
0
1
1.325
0
1
0
1
0
1.300
0
1
0
1
1
1.275
0
1
1
0
0
1.250
0
1
1
0
1
1.225
0
1
1
1
0
1.200
0
1
1
1
1
1.175
1
0
0
0
0
1.150
1
0
0
0
1
1.125
1
0
0
1
0
1.100
1
0
0
1
1
1.075
1
0
1
0
0
1.050
1
0
1
0
1
1.025
1
0
1
1
0
1.000
1
0
1
1
1
0.975
1
1
0
0
0
0.950
1
1
0
0
1
0.925
1
1
0
1
0
0.900
1
1
0
1
1
0.875
1
1
1
0
0
0.850
1
1
1
0
1
0.825
1
1
1
1
0
0.800
1
1
1
1
1
Shutdown



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com