Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6209 Datasheet(PDF) 8 Page - Minilogic Device Corporation Limited

Part # ML6209
Description  High Speed LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6209 Datasheet(HTML) 8 Page - Minilogic Device Corporation Limited

Back Button ML6209 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 12Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
P8/14
Rev. A, March 2006
ML6209
ML6209C, D Series
Ta=25°°°°C
-40°°°°C ≤
≤
≤
≤ Ta ≤
≤
≤
≤ 85°°°°C
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
Circuit
IOUT = 30mA,
1.5V ≤VOUT(T) ≤ 1.95V
X0.97 VOUT(T) X1.03 X0.96 VOUT(T) X1.04
Output Voltage
VOUT(E)
IOUT = 30mA,
2.0V ≤VOUT(T) ≤ 6.0V
X0.98 VOUT(T) X1.02 X0.97 VOUT(T) X1.03
V
1
Maximum Output Current
IOUT MAX
150
150
mA
1
Load Regulation
∆VOUT
1mA ≤ IOUT ≤ 100mA
15
50
30
80
mV
1
Vdif1
IOUT = 30mA
E-1
mV
Dropout Voltage
Vdif2
IOUT = 100mA
E-2
mV
1
Supply Current (C series)
VIN= VOUT(T) +1.0V, VCE=VSS
20
25
40
20
28
44
Supply Current (B series)
IDD
VIN= VOUT(T) +1.0V, VCE=VSS
20
25
40
20
28
44
µA
2
Standby Current
Istby
VIN=VCE=OUT(T)+1.0V
0.01
0.10
0.05
1.00
µA
2
Line Regulation
∆VOUT
∆VIN-VOUT
VOUT(T)+1.0V≤ VIN≤ 10V
IOUT=30mA
0.01
0.20
0.05
0.30
%/V
1
Input Voltage
VIN
2
10
2
10
V
--
Output Voltage
Temp. Characteristics
∆VOUT
∆Topr-VOUT
IOUT=30mA
-40°C≤ Topr≤ 85°C
100
Ppm/
°C
1
Output Noise
en
IOUT=10mA
300Hz ~ 50kHz
30
µVrms
3
Ripple Rejection Rate
PSRR
VIN=[VOUT(T)+1.0]V+1.0Vp-pAC
IOUT=50mA, f=10kHz
70
dB
4
Current Limited
IIim
VIN=VOUT(T)+1.0V, VCE=VSS
300
280
mA
1
Short-circuit Current
Ishort
VIN=VOUT(T)+1.0V, VCE=VSS
50
60
mA
1
CE ”High” Voltage
VCEH
1.6
VIN
1.7
VIN
V
1
CE ”Low” Voltage
VCEL
0.25
0.20
V
1
CE ”High” Current
ICEH
VIN=VCE=VOUT(T)+1.0V
-0.10
0.10
-0.15
0.15
µA
2
CE ”Low” Current
(C series)
ICEL
VIN =VOUT(T)+1.0V, VCE=VSS
-20
0.10
-25
0.15
µA
2
CE ”Low” Current
(D series)
ICEL
VIN =VOUT(T)+1.0V, VCE=VSS
-0.10
0.10
-0.15
0.15
µA
2
Note
(NOTE 1) Unless otherwise stated, VIN =VOUT(T) +1.0V
(NOTE 2) VOUT(T)=Specified Output Voltage
(NOTE 3) VOUT(E)=Effective Output Voltage (I.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain
IOUT value)
(NOTE 4) Vdif= (VIN1 (NOTE6) – VOUT1 (NOTE5))
(NOTE 5) VOUT1=A voltage equal to 98% of the Output Voltage whenever an amply stabilized IOUT (VOUT(T)+1.0V) is input.
(NOTE 6) VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
(NOTE 7) The values for -40°C ≤ Topr ≤ 85°C are designed values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com