Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6209 Datasheet(PDF) 9 Page - Minilogic Device Corporation Limited

Part # ML6209
Description  High Speed LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6209 Datasheet(HTML) 9 Page - Minilogic Device Corporation Limited

Back Button ML6209 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 13Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
P9/14
Rev. A, March 2006
ML6209
Dropout Voltage – Table 1
SYMBOL
E-0
E-1
E-2
Dropout Voltage 1 (mV)
(IOUT=30mA)
Dropout Voltage 2 (mV)
(IOUT=100mA)
PARAMETER
OUTPUT
VOLTAGE
Output Voltage (V)
Ta=25°C
-40°C ≤ Topr ≤
85°C
Ta=25°C
-40°C ≤ Topr ≤ 85°C
VOUT
Vdif1
Vdif1
Vdif1
Vdif1
Vdif2
Vdif2
Vdif2
Vdif2
VOUT(T)
MIN
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
1.50
1.455
1.545
400
500
410
520
600
800
620
820
1.55
1.504
1.597
400
500
410
520
600
800
620
820
1.60
1.552
1.648
300
380
310
400
500
680
520
700
1.65
1.601
1.700
300
380
310
400
500
680
520
700
1.70
1.649
1.751
250
320
260
330
400
620
420
640
1.75
1.698
1.803
250
320
260
330
400
620
420
640
1.80
1.746
1.854
200
250
210
260
350
480
360
500
1.85
1.795
1.906
200
250
210
260
350
480
360
500
1.90
1.843
1.957
140
180
150
190
320
460
340
480
1.95
1.892
2.009
140
180
150
190
320
460
340
480
2.00
1.960
2.040
100
150
110
160
270
420
290
440
2.05
2.009
2.091
100
150
110
160
270
420
290
440
2.10
2.058
2.142
100
150
110
160
250
400
280
410
2.15
2.107
2.193
100
150
110
160
250
400
280
410
2.20
2.156
2.244
100
150
110
160
250
400
280
410
2.25
2.205
2.295
100
150
110
160
250
400
280
410
2.30
2.254
2.346
100
150
110
160
240
380
280
400
2.35
2.303
2.397
100
150
110
160
240
380
280
400
2.40
2.352
2.448
100
150
110
160
240
380
280
400
2.45
2.401
2.499
100
150
110
160
240
380
280
400
2.50
2.450
2.550
90
120
100
130
230
350
260
380
2.55
2.499
2.601
90
120
100
130
230
350
260
380
2.60
2.548
2.652
90
120
100
130
230
350
260
380
2.65
2.597
2.703
90
120
100
130
230
350
260
380
2.70
2.646
2.754
90
120
100
130
230
350
260
380
2.75
2.695
2.805
90
120
100
130
230
350
260
380
2.80
2.744
2.856
90
120
100
130
220
330
260
370
2.85
2.793
2.907
90
120
100
130
220
330
260
370
2.90
2.842
2.958
90
120
100
130
220
330
260
370
2.95
2.891
3.009
90
120
100
130
220
330
260
370
3.00
2.940
3.060
80
100
90
110
220
300
260
350
3.05
2.989
3.111
80
100
90
110
220
300
260
350
3.10
3.038
3.162
80
100
90
110
200
280
240
330
3.15
3.087
3.213
80
100
90
110
200
280
240
330
3.20
3.136
3.264
80
100
90
110
200
280
240
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com