Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6209 Datasheet(PDF) 2 Page - Minilogic Device Corporation Limited

Part # ML6209
Description  High Speed LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6209 Datasheet(HTML) 2 Page - Minilogic Device Corporation Limited

  ML6209 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
P2/14
Rev. A, March 2006
ML6209
Product Classification
◆
Selection Guide
The following options for the CE pin logic and internal pull-up/down are available:
Active 'High' + no pull-down resistor built-in (standard)
Active 'High' + 800k
pull-down resistor built-in <between CE-VSS> (semi-custom)
Active 'Low' + no pull-up resistor built-in (semi-custom)
Active 'Low' + 800k
pull-up resistor built-in <between CE-VSS> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 800k (TYP.)
Ordering Information
ML62091234567
Designator
Symbol
Description
A
Active “High” (pull-down resistor built in)
B
Active “High” (no pull-down resistor built in)
C
Active “Low” (pull-up resistor built in)
1
D
Active “Low” (no pull-up resistor built in)
23
15 ~ 60
Output Voltage:
e.g. 20 ⇒ 2.0V, 30 ⇒ 3.0V etc.
2
Output Voltage: 100mV increments, ± 2% accuracy
e.g.
2=3,3=8, 4=2 ⇒ 3.8V, ± 2%
4
A
Output Voltage: 50mV increments, ± 2% accuracy
e.g.
2=3,3=8, 4=A ⇒ 3.85V, ± 2%
M
SOT-23-5 Package
5
P
SOT-89-5 Package
R
Embossed Tape: Standard Feed
6
L
Embossed Tape: Reverse Feed
7
G
Lead-free Package
Please note that “B” version is the standard part while the A, C and D are semi-custom parts.
◆
◆
◆
◆ Pin Assignment
SOT-23-5
SOT-89-5
◆
◆
◆
◆ Pin Function
Pin No.
SOT-23-5
SOT-89-5
Pin Name
Description
1
4
VIN
Input
2
2
VSS
Ground
3
3
CE
ON/OFF Control
4
1
N.C.
No Connection
5
5
VOUT
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com