Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6209 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML6209
Description  High Speed LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML6209 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML6209 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML6209 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
P1/14
Rev. A, March 2006
ML6209
ML6209 Series - High Speed LDO Regulators
(low ESR capacitor compatible, ON/OFF switch)
◆
◆
◆
◆ Features
Maximum Output Current: 150mA
Dropout Voltage: 200mV (IOUT = 100mA)
Maximum Operating Voltage: 10V
Output Voltage Range: 1.5V ~ 6.0V in 50mV increments
Highly Accurate: ± 2%
Low Power Consumption: TYP 25µA
Standby Current: less than 0.1µA
High Ripple Rejection: 70dB (10 kHz)
Low Output Noise: 30µVrms
Operational Temperature Range: -40°C ~ +85°C
Low ESR Capacitor Compatible: Ceramic capacitor
◆
◆
◆
◆ Applications
Mobile phones
Cordless phones
Cameras, video recorders
Portable games
Portable AV equipment
Reference voltage
Battery-powered equipment
CMOS Low Power Consumption
Dropout Voltage:
60mV @ 30mA,
200mV @ 100mA
Maximum Output Current:
150mA
Highly Accurate: 1.5V ~ 1.95V ± 3%
2.0V ~ 6.00V ± 2%
Output Voltage Range: 1.5V ~ 6.0V
Low ESR capacitor compatible
◆
◆
◆
◆ General Description
The ML6209 series are highly precise, low noise, positive voltage LDO
regulators manufactured using CMOS process. The series achieves high
ripple rejection and low dropout and consists of a standard voltage
source, an error correction, current limiter and a phase compensation
circuit plus a driver transistor. Output voltage is selectable in 50mV
increments within a range of 1.5V ~ 6.0V.
The series is also compatible with low ESR ceramic capacitors which give
added output stability. This stability can be maintained even during load
fluctuations due to the excellent transient response of the series. The CE
function enables the output to be turned off, resulting in greatly reduced
power consumption.
◆
◆
◆
◆ Typical Application


Similar Part No. - ML6209

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6201 MINILOGIC-ML6201 Datasheet
343Kb / 6P
Positive Voltage Regulator
ML6201P302MBG MINILOGIC-ML6201P302MBG Datasheet
343Kb / 6P
Positive Voltage Regulator
ML6201P302MHG MINILOGIC-ML6201P302MHG Datasheet
343Kb / 6P
Positive Voltage Regulator
ML6201P302MLG MINILOGIC-ML6201P302MLG Datasheet
343Kb / 6P
Positive Voltage Regulator
ML6201P302MRG MINILOGIC-ML6201P302MRG Datasheet
343Kb / 6P
Positive Voltage Regulator
More results

Similar Description - ML6209

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
High Speed LDO Regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
High Current, High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
High Current, High Speed LDO regulators
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
High Speed LDO Regulators
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
High Current, High Speed LDO Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
1A Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com