Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH231 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # KH231
Description  Fast Settling, Wideband Buffer/Amplifier (Av = 짹1 to 짹5)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH231 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  KH231 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 6Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s 165MHz closed-loop – -3dB bandwidth
s 15ns settling to 0.05%
s 1mV input offset voltage, 10µV/°C drift
s 100mA output current
s Excellent AC and DC linearity
s Direct replacement for CLC231
Applications
s Driving flash A/D converters
s Precision line driving
(a gain of 2 cancels matched-line losses)
s DAC current-to-voltage conversion
s Low-power, high-speed applications (50mW @ ±5V)
General Description
The KH231 Buffer/Amplifier is a wideband operational
amplifier designed specifically for high-speed, low-
gain applications. The KH231 is based on a current
feedback op amp topology-a unique design that both
eliminates the gain-bandwidth tradeoff and permits
unprecedented high-speed performance. (See table below.)
The KH231 Buffer/Amplifier is the ideal design alter-
native to low precision open-loop buffers and oscillation-
prone conventional op amps. The KH231 offers precise
gains from ±1.000 to ±-5.000 and linearity that is a
true 0.1%-even for demanding 50
Ω loads. Open-loop
buffers, on the other hand, offer a nominal gain of
0.95 ±0.03 and a linearity of only 3% for typical loads.
A buffer’s settling time may look impressive but it is
usually specified at unrealistically large load resis-
tances or when the effects of thermal tail are not
included; the KH231 Buffer/Amplifier settles to 0.05%
in 15ns-while driving a 100
Ω load.
Offsets and drifts, usually a low priority in conven-
tional high-speed op amp designs, were not ignored
in the KH231; the input offset voltage is typically 1mV
and input offset voltage drift is only 10
µV/°C. The
KH231 is stable and oscillation-free across the entire
gain range and since it’s internally compensated, the
user is saved the trouble of designing external com-
pensation networks and having to “tweak” them in
production. The absence of a gain-bandwidth trade-
off in the KH231 allows performance to be predicted
easily; the table below shows how the bandwidth is
affected very little by changing the gain setting.
The KH231 is constructed using thin film resistor/bipolar
transistor technology, and is available in the following
versions:
The KH231 is constructed using thin film resistor/bipolar
transistor technology, and available in these versions:
KH231AI
-25°C to +85°C
12-pin TO-8 can
KH231AK
-55°C to +125°C
12-pin TO-8 can, features
burn-in & hermetic testing
KH231AM
-55°C to +125°C
12-pin TO-8 can,
environmentally
screened and electrically
tested to MIL-STD-883
KH231HXC
-55°C to +125°C
SMD#: 5962-8959401HXC
KH231HXA
-55°C to +125°C
SMD#: 5962-8959401HXA
KH231
Fast Settling, Wideband Buffer/Amplifier (Av = ±1 to ±5)
REV. 1A January 2004
Small Signal Pulse Response
Time (5ns/div)
K
Av = -2
Av = 2
Supply
Voltage
8
Adjust
7
GND
9
-V
CC
2
Adjust
3
GND
1
+V
CC
6
V+
5
V-
4
NC
10
-V
CC
V
o
+V
CC
11
12
4
4
Collector
Supply
Output
Collector
Supply
Supply
Voltage
ICC Adjust
ICC Adjust
Case
ground
Non-Inverting
Input
Inverting
Input
Not
Connected
Case
ground
+
-
Bottom View
Pins 2 and 8 are used to adjust the supply current or to adjust the off-
set voltage (see text). These pins are normally left unconnected.
Typical Performance
Gain Setting
Parameter
1
2
5
-1
-2
-5
Units
-3dB bandwidth
180 165 130 165 150 115
MHz
rise time (2V)
1.8
2.0
2.5 2.0
2.2 2.9
ns
slew rate
2.5
3.0
3.0 3.0
3.0 3.0
V/ns
settling time (to 0.1%)
12
12
12
12
12
15
ns
www.cadeka.com


Similar Part No. - KH231

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH231 FAIRCHILD-KH231 Datasheet
106Kb / 6P
Fast Settling, Wideband Buffer/Amplifier (Av = 짹1 to 짹5)
More results

Similar Description - KH231

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC231 NSC-CLC231 Datasheet
396Kb / 6P
Fast Settling, Wideband Buff-Amp??(Av = 짹1 to 짹5)
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
KH231 FAIRCHILD-KH231 Datasheet
106Kb / 6P
Fast Settling, Wideband Buffer/Amplifier (Av = 짹1 to 짹5)
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Burr-Brown (TI)
OPA600 BURR-BROWN-OPA600 Datasheet
103Kb / 9P
Fast-Settling Wideband OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2195 ELANTEC-EL2195 Datasheet
510Kb / 9P
Wideband Fast Settling Operational Amplifier
logo
Cadeka Microcircuits LL...
KH200 CADEKA-KH200 Datasheet
438Kb / 5P
Fast Settling, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com