Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH231 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # KH231
Description  Fast Settling, Wideband Buffer/Amplifier (Av = 짹1 to 짹5)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH231 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  KH231 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 6Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KH231
DATA SHEET
REV. 1A January 2004
3
KH231 Typical Performance Characteristics (TA = +25°C, Av = +2, VCC = ±15V, RL = 100Ω, Rf = 250Ω; unless specified)
Non-Inverting Frequency Response
Frequency (MHz)
K
0
100
200
Gain
Phase
Av = 5
Av = 1
Av = 2
Av = 5
Av = 2
Av = 1
Inverting Frequency Response
Frequency (MHz)
K
0
100
200
Gain
Phase
Av = -5
Av = -1
Av = -2
Av = -5
Av = -2
Av = -1
Broadband Gain and Phase
Frequency (MHz)
K
0
500
1000
Gain
Phase
Av = 2
Bandwidth vs. VCC
±VCC (V)
K
4
6
8
10
12
14
16
Pins 1 and 2 Shorted
Pins 8 and 9 shorted
0.4
0.6
0.8
1.0
1.2
Frequency Response vs. RL
Frequency (MHz)
K
0
125
250
RL = 1K
Av = 2
RL = 200
RL = 100
RL = 50
Full Power Gain vs. Frequency
Frequency (MHz)
K
0
100
200
Inverting
Non-Inverting
Av = 2
Vo = 10Vpp
2nd and 3rd Harmonic Distortion Intercept
Frequency (Hz)
K
1k
10k
100k
1M
10M
100M
2nd harmonic intercept
exceeds +120dBm
below 350KHz
3rd harmonic intercept
exceeds +65dBm
below 350KHz
30
50
70
90
130
110
I2
I3
2-Tone, 3rd Order Intermod. Intercept
Frequency (MHz)
K
0
100
20
40
60
80
Av = 2
20
30
35
40
50
45
25
Equivalent Input Noise
Frequency (Hz)
K
100
10M
1k
10k
100k
1M
Inverting Current 23.8pA/
√Hz
Non-Inverting Current 2.5pA/
√Hz
Voltage 2.8nV/
√Hz
1
10
100
1
10
100
100M
Small Signal Pulse Response
Time (5ns/div)
K
Av = -2
Av = 2
Large Signal Pulse Response
Time (5ns/div)
K
Av = -2
Av = 2
Settling Time
K
50ns/div
5ns/div
Time (ns)
-0.20
-0.15
0.05
0.10
0.20
0.15
0
-0.05
-0.10
Vcm and Vo Voltage Limits
K
note 4
on page 2
|Vout| max
|Vcm| max
|
±V
CC| (V)
0
5
10
20
0
5
10
20
15
15
|Vout| max
|Vcm| max
CMRR and PSRR
K
CMRR
PSRR
Frequency (Hz)
1
10
100
1k
10k
100k
100M
10
30
40
50
1M
10M
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com