Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH231 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # KH231
Description  Fast Settling, Wideband Buffer/Amplifier (Av = 짹1 to 짹5)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH231 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  KH231 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 6Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
REV. 1A January 2004
DATA SHEET
KH231
PARAMETERS
CONDITIONS
TYP
MIN & MAX RATINGS
UNITS
SYM
Ambient Temperature
KH231AI
+25°C
-25°C
+25°C
+85°C
Ambient Temperature
KH231AK/AM/HXC/HXA
+25°C
-55°C
+25°C
+125°C
FREQUENCY DOMAIN RESPONSE
¦ -3dB bandwidth (note 2)
Vo ≤2Vpp
165
>145
>145
>120
MHz
SSBW
large-signal bandwidth
Vo ≤10Vpp
95
>80
>80
>60
MHz
FPBW
gain flatness (note 2)
Vo ≤2Vpp
¦
peaking
0.1 to 50MHz
0.1
<0.6
<0.3
<0.6
dB
GFPL
¦
peaking
>50MHz
0.1
<1.5
<0.3
<0.8
dB
GFPH
¦
rolloff
at 100MHz
0.4
<0.6
<0.6
<1.0
dB
GFR
group delay
to 100MHz
3.5 ± 0.5
–
–
–
ns
GD
linear phase deviation
to 100MHz
0.5
<2.0
<2.0
<2.0
°
LPD
reverse isolation
non-inverting
53
>43
>43
>43
dB
RINI
inverting
36
>26
>26
>26
dB
RIIN
TIME DOMAIN RESPONSE
rise and fall time
2V step
2.0
<2.4
<2.3
<2.7
ns
TRS
10V step
5.0
<7.0
<6.5
<6.5
ns
TRL
settling time to 0.05%
5V step
15
–
–
–
ns
TS
to 0.1%
2.5V step
12
<22
<17
<22
ns
TSP
overshoot
5V step
5
<15
<10
<15
%
OS
slew rate (overdriven input)
3.0
>2.5
>2.5
>1.8
V/ns
SR
overload recovery
<1% error
<50ns pulse, 200% overdrive
120
–
–
–
ns
OR
NOISE AND DISTORTION RESPONSE
¦ 2nd harmonic distortion
0dBm, 20MHz
-55
<-47
<-47
<-47
dBc
HD2
¦ 3rd harmonic distortion
0dBm, 20MHz
-59
<-47
<-47
<-47
dBc
HD3
equivalent input noise
noise floor
>5MHz
-153
<-150
<-150
<-150
dBm(1Hz)
SNF
integrated noise
5MHz to 200MHz
70
<100
<100
<100
µVrms
INV
STATIC, DC PERFORMANCE
* input offset voltage
1
<4.0
<2.0
<4.5
mV
VIO
average temperature coefficient
10
<25
<25
<25
µV/°C
DVIO
* input bias current
non-inverting
5.0
<29
<21
<31
µA
IBN
average temperature coefficient
50
<125
<125
<125
nA/°C
DIBN
* input bias current
inverting
10
<31
<15
< 35
µA
IBI
average temperature coefficient
125
<200
<200
<200
nA/°C
DIBI
* power supply rejection ratio
50
>45
>45
>45
dB
PSRR
common mode rejection ratio
46
>40
>40
>40
dB
CMRR
* supply current
no load
18
<22
<22
<22
mA
ICC
MISCELLANEOUS PERFORMANCE
non-inverting input resistance
DC
400
>100
>200
>400
k
Ω
RIN
non-inverting input capacitance
1.3
<2.5
<2.5
<2.5
pF
CIN
output impedance
@ 100MHz
5, 37
–
–
–
Ω, nH
RO
output voltage range
no load
±12
>±11
>±11
>±11
V
VO
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
Recommended Operating Conditions
VCC
±20V
VCC
±5V to ±15V
Io
±100mA
Io
±75mA
common mode input voltage, Vo
(see Vcm and Vo
common mode input voltage
±(|VCC| -5)V
limits plot on page 3)
gain range
±1 to ±5
differential input voltage
±3V
thermal resistance
(see thermal model)
junction temperature
+175°C
operating temperature
AI:
-25°C to +85°C
AK/AM: -55°C to +125°C
storage temperature
-65°C to +150°C
lead temperature (soldering 10s)
+300°C
KH231 Electrical Characteristics (TA = +25°C, Av = +2V, VCC = ±15V, RL = 100Ω, Rf = 250Ω; unless specified)
note 1:
*
AI/AK/AM/HXC/HXA 100% tested at +25°C
¦ AK/AM/HXC/HXA 100% tested at +25°C and sample
tested at -55°C and +125°C
¦ AI
sample tested at +25°C
note 2:
The output amplitude used in testing is 0.63Vpp. Performance
is guaranteed for conditions listed.
note 3:
In the noninverting configuration, care should be taken when
choosing Ri, the input impedance setting resistor; bias
currents of typically 5
µA but as high as 24µA can create an
input signal large enough to cause overload. It is therefore
recommended that Ri < (VCC/Av)/24µA.
note 4:
These ratings protect against damage to the input stage
caused by saturation of either the input or output stages at
lower supply voltages, and against exceeding transistor
collector-emitter breakdown ratings at high supply voltages.
Vout(max) is calculated by assuming no output saturation.
Saturation is allowed to occur up to this calculated level of
Vout. Vcm is defined as the voltage at the non-inverting
input, pin 6.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com