Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KH231 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # KH231
Description  Fast Settling, Wideband Buffer/Amplifier (Av = 짹1 to 짹5)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH231 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  KH231 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH231 Datasheet HTML 6Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATA SHEET
KH231
4
REV. 1A January 2004
Operation
The KH231 Buffer/Amplifier is based on the current feed-
back op amp topology, a design that uses current feed-
back instead of the usual voltage feedback.
The use of the KH231 is basically the same as that of the
conventional op amp (see Figures 1 and 2). Since the
device is designed specifically for low gain applications,
the best performance is obtained when the circuit is used
at gains between ±1 and ±5. Additionally, performance is
optimum when a 250
Ω feedback resistor is used.
Figure 1: Recommended non-inverting gain circuit
Figure 2: Recommended inverting gain circuit
Layout Considerations
To assure optimum performance the user should follow
good layout practices which minimize the unwanted
coupling of signals between nodes. During initial bread-
boarding of the circuit use direct point to point wiring,
keeping the lead lengths to less than 0.25”. The use of
solid, unbroken ground plane is helpful. Avoid wire-wrap
type pc boards and methods. Sockets with small, short
pin receptacles may be used with minimal performance
degradation although their use is not recommended.
During pc board layout keep all traces short and direct
The resistive body of Rg should be as close as possible
to pin 5 to minimize capacitance at that point. For the
same reason, remove ground plane from the vicinity of
pins 5 and 6. In other areas, use as much ground plane
as possible on one side of the board. It is especially
important to provide a ground return path for current from
the load resistor to the power supply bypass capacitors.
Ceramic capacitors of 0.01 to 0.1
µf (with short leads)
should be less than 0.15 inches from pins 1 and 9.
Larger tantalum capacitors should be placed within one
inch of these pins. VCC connections to pins 10 and 12
can be made directly from pins 9 and 1, but better supply
rejection and settling time are obtained if they are
separately bypassed as in figures 1 and 2. To prevent
signal distortion caused by reflections from impedance
mismatches, use terminated microstrip or coaxial cable
when the signal must traverse more than a few inches.
Since the pc board forms such an important part of the
circuit, much time can be saved if prototype boards of
any high frequency sections are built and tested early in
the design phase. Evaluation boards designed for either
inverting or non-inverting gains are available.
Distortion and Noise
The graphs of intercept point, I2 and I3, versus
frequency on the preceding page make it easy to predict
the distortion at any frequency given the output voltage of
the KH231. First, convert the output voltage (Vo) to Vrms
= (Vpp/2√2) and then to P = [(10log10(20Vrms
2)] to get the
power output in dBm. At the frequency of interest, its 2nd
harmonic will be S2 = (I2-P)dB below the level of P. Its
third harmonic will be S3 = 2(I3- P)dB below P, as will the
two-tone third order intermodulation products. These
approximations are useful for P < -1dB compression levels.
Approximate noise figure can be determined for the
KH231 using the equivalent input noise graph on the
preceding page. The following equation can be used to
determine noise figure (F) in dB.
Where Vn is the rms noise voltage and in is the rms noise
current. Beyond the breakpoint of the curves (i.e., where
they are flat), broadband noise figure equals spot noise fig-
ure, so
∆f should equal one (1) and V
n and in should be
read directly off the graph. Below the breakpoint, the noise
must be integrated and
∆f set to the appropriate bandwidth.
33
Ω
+15V
0.1
3.9
.01
Capactance in
µF
1
12
5
3,7
RL
100
Ω
10
11
33
Ω
.01
0.1
3.9
-15V
9
+
-
KH231
Vo
Rf = 250Ω
6
Rg
Vin
Ri
49.9
Ω
A
R
R
v
f
g
= 1+
250
Ω
33
Ω
+15V
0.1
3.9
.01
Capactance in
µF
1
12
5
3,7
RL
100
Ω
10
11
33
Ω
.01
0.1
3.9
-15V
9
+
-
KH231
Vo
Rf = 250Ω
For Zin = 50Ω, select
Rg || Ri = 50Ω
6
100
Ω
Vin
Ri
250
Ω
Rg
A
R
R
v
f
g
= −
F
10log 1
V
iR
A
4kTR
f
n
2
n
2
f
2
v
2
s
=+
+
∆



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com