Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1923 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1923
Description  NPN Silicon Epitaxial Planar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1923 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1923 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
INPUT
50
0.01 F
DUT
1000pF
6pF
1000pF
VCC
0.02 F
0.02 F
L1
OUTPUT
50
-VE
(IE=-1mA)
ST 2SC1923
L1:0.8mm
φ SILVER PLATED COPPER WIRE, 4T,10ID,8 LENGTH
Fig. 1 NF, Gpe TEST CIRCUIT
PARAMETER(Typ.)
(1) COMMON EMITTER (VCE=6V,IE=-1mA, f=100MHz)
CHARACTERISTIC
SYMBOL
TYP.
UNIT
Input Conductance
gie
2.9
mS
Input Capacitance
Cie
10.2
pF
Reverse Transfer Admittance
IyreI
0.33
μS
Phase Angle of Reverse Transfer Admittance
-
Υ
re
90
o
Forward Transfer Admittance
IyfeI
40
mS
Phase Angle of Forward Transfer Admittance
-
Υ
fe
20
o
Output Conductance
goe
45
μS
Output Capacitance
Coe
1.1
pF
(2) COMMON BASE(VCE=6V,IE=-1mA,f=100MHz)
CHARACTERISTIC
SYMBOL
TYP.
UNIT
Input Conductance
gib
34
mS
Input Capacitance
-Cib
10
pF
Reverse Transfer Admittance
IyrbI
0.27
μS
Phase Angle of Reverse Transfer Admittance
-
Υ
rb
105
o
Forward Transfer Admittance
IyfbI
34
mS
Phase Angle of Forward Transfer Admittance
Υ
fb
165
o
Output Conductance
gob
45
μS
Output Capacitance
Cob
1.1
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com