Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1923 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1923
Description  NPN Silicon Epitaxial Planar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1923 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1923 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
EMITTER CURRENT I E (mA)
COMMON EMITTER
VCE=6V
f=100MHz
Ta=25 C
10
-5
COMMON EMITTER
VCE=6V
f=100MHz
Ta=25 C
Coe
1
-0.2
10
EMITTER CURRENT I E (mA)
-0.5
-1
-3
-5
0.05
-10
-50
-0.2 -0.3
-0.5
-1
-3
COMMON EMITTER
VCE=6V
f=100MHz
Ta=25 C
100
10
3
5
30
50
30
300
Coe,goe-IE
o
goe
EMITTER CURRENT I E (mA)
0.3
0.5
0.1
-300
-100
re
IYreI
IYreI, re-IE
3
1
o
-0.3
-0.2
1
3
5
10
30
-0.5
-1
-3
o
Cie
gie
COLLECTOR
EMITTER VOLTAGE
VCE (V)
COMMON
EMITTER
Ta=25 C
300
BASE CURRENT
IB (A)
600
0.8
0.6
0.4
o
0.2
0
4
200
400
VCE=6V
8
12
I B=50 A
10
30
20
0
150
250
200
100
STATIC CHARACTERISTICS
16
20
450
400
350
500
100
COLLECTOR CURRENT IC (mA)
10
0.1
30
50
Cie,gie-IE
0.3
0.5
1
3
5
COMMON EMITTER
VCE=6V
Ta=25 C
300
o
h FE-IC
-5
-10
-10
VCE=6V
20
ST 2SC1923



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com