Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1923 Datasheet(PDF) 7 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1923
Description  NPN Silicon Epitaxial Planar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1923 Datasheet(HTML) 7 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1923 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1
COLLECTOR-BASE VOLTAGE VCB (V)
-50
-100
-300
1
0.05
0.1
3
rb
0.3
0.5
IYrbI
COMMON BASE
I E=-1mA
f=100MHz
Ta=25 C
o
5
10
30
IYrbI , rb-VCB
0
8
12
16
20
INPUT CONDUCTANCE g ie (mS)
010
15
20
25
4
5
30
Yie-f
OUTPUT CONDUCTANCE goe (S)
400
0
020
800
40
60
Yoe-f
1600
1200
2000
80
100
120
FORWARD TRANSFER CONDUCTANCE g fe (mS)
-40
010
20
-30
-20
30
40
50
-10
0
Yfe-f
-800
-600
-200
-400
Yre-f
REVERSE TRANSFER CONDUCTANCE g re (S)
-200
0
-160
-120
-40
-80
0
AMBIENT TEMPERATURE Ta ( C)
0
040
20
40
60
60
80
120
140
100
120
PC-Ta
80
100
20
o
10.7
27
50
100
150
f=200MHz
10.7
27
50
100
150
f=200MHz
f=10.7MHz
150
100
50
27
200
f=10.7MHz
27
50
100
150
200
o
COMMON EMITTER
VCE=6V
I E=-1mA
Ta=25 C
COMMON EMITTER
VCE=6V
I E=-1mA
Ta=25 C
o
COMMON EMITTER
VCE=6V
I E=-1mA
Ta=25 C
o
COMMON EMITTER
VCE=6V
I E=-1mA
Ta=25 C
o
ST 2SC1923



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com