Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2SC1923 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC1923
Description  NPN Silicon Epitaxial Planar Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC1923 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SC1923 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. ST2SC1923 Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC1923
NPN Silicon Epitaxial Planar Transistor
for high frequency amplifier applications
FM, RF, MIX, IF amplifier applications.
The transistor is subdivided into three groups, R, O
and Y, according to its DC current gain.
On special request, these transistors can be
manufactured in different pin configurations.
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Collector Base Voltage
VCBO
40
V
Collector Emitter Voltage
VCEO
20
V
Emitter Base Voltage
VEBO
4
V
Collector Current
IC
20
mA
Base Current
IB
4
mA
Power Dissipation
Ptot
100
mW
Junction Temperature
Tj
125
OC
Storage Temperature Range
TS
-55 to +125
OC


Similar Part No. - ST2SC1923

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC1907 SEMTECH_ELEC-ST2SC1907 Datasheet
306Kb / 5P
NPN Silicon Epitaxial Planar Transistor
ST2SC1959 SEMTECH_ELEC-ST2SC1959 Datasheet
128Kb / 2P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC1923

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com