Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP38C42/D Datasheet(PDF) 8 Page - A1 PROs co., Ltd.

Part # IMP38C42/D
Description  BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP38C42/D Datasheet(HTML) 8 Page - A1 PROs co., Ltd.

Back Button IMP38C42/D Datasheet HTML 2Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 3Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 4Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 5Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 6Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 7Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 8Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 9Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
8
408-432-9100/www.impweb.com
© 2000 IMP, Inc. !
S
E
E1
D1
D
eA
eB
C
0
°–15°
A
e
b2
b
A2
L A1
Plastic DIP (8-Pin)a.eps
Plastic DIP (8-Pin)
L
0
°– 8°
C
H
E
e
D
B
A1
A
SO (8-Pin).eps
SO (8-Pin)
e
b
D
E1 E
a
L
C
0.10mm
0.004in
A1
A2
A
MicroSO (8-Pin).eps
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
8
(
O
S
o
r
c
i
M
A
–
–
–
–
–
3
3
4
0
.
0
–
–
–
–
0
1
.
1
1
A0
2
0
0
.
09
5
0
0
.
00
5
0
.
05
1
.
0
2
A5
9
2
0
.
04
7
3
0
.
05
7
.
05
9
.
0
b8
9
0
0
.
07
5
1
0
.
05
2
.
00
4
.
0
C1
5
0
0
.
01
9
0
0
.
03
1
.
03
2
.
0
D2
4
1
1
.
00
2
2
1
.
00
9
.
20
1
.
3
eC
S
B
6
5
2
0
.
0C
S
B
5
6
.
0
EC
S
B
3
9
1
.
0C
S
B
0
9
.
4
1
E2
4
1
1
.
00
2
2
1
.
00
9
.
20
1
.
3
L7
5
1
0
.
06
7
2
0
.
00
4
.
00
7
.
0
a
°
0
°
6
°
0
°
6
*
*
)
n
i
P
-
8
(
O
S
A3
5
0
.
09
6
0
.
05
3
.
15
7
.
1
1
A4
0
0
.
00
1
0
.
00
1
.
05
2
.
0
B3
1
0
.
00
2
0
.
03
3
.
01
5
.
0
C7
0
0
.
00
1
0
.
09
1
.
05
2
.
0
e0
5
0
.
07
2
.
1
E0
5
1
.
07
5
1
.
00
8
.
30
0
.
4
H8
2
2
.
04
4
2
.
00
8
.
50
2
.
6
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
D9
8
1
.
07
9
1
.
00
8
.
40
0
.
2
*
*
*
)
n
i
P
-
8
(
P
I
D
c
i
t
s
a
l
P
A
–
–
–
–
–
0
1
2
.
0
–
–
–
–
3
3
.
5
1
A5
1
0
.
0
–
–
–
–
–
8
3
.
0
–
–
–
–
–
2
A5
1
1
.
05
9
1
.
02
9
.
25
9
.
4
b4
1
0
.
02
2
0
.
06
3
.
06
5
.
0
2
b5
4
0
.
00
7
0
.
04
1
.
18
7
.
1
3
b0
3
0
.
05
4
0
.
00
8
.
04
1
.
1
D5
5
3
.
00
0
4
.
02
0
.
96
1
.
0
1
1
D5
0
0
.
0
–
–
–
–
–
3
1
.
0
–
–
–
–
–
E0
0
3
.
05
2
3
.
02
6
.
76
2
.
8
1
E0
4
2
.
00
8
2
.
00
1
.
61
1
.
7
e0
0
1
.
0
–
–
–
–
–
4
5
.
2
A
e0
0
3
.
0
–
–
–
–
–
2
6
.
7
B
e
–
–
–
–
–
0
3
4
.
0
–
–
–
–
–
2
9
.
0
1
C
e
–
–
–
–
–
0
6
0
.
0
L5
1
1
.
00
5
1
.
02
9
.
21
8
.
3
A
A
7
8
1
-
O
M
g
n
i
w
a
r
D
C
E
D
E
J
*
A
A
2
1
1
-
S
M
g
n
i
w
a
r
D
C
E
D
E
J
*
*
A
B
1
0
0
-
S
M
g
n
i
w
a
r
D
C
E
D
E
J
*
*
*
3
t
a
.
5
0
t
_
C
H
/
C
8
3
SO (8-Pin)
SO (8-Pin)
Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com