Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP38C42/D Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # IMP38C42/D
Description  BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP38C42/D Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  IMP38C42/D Datasheet HTML 1Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 2Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 3Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 4Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 5Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 6Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 7Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 8Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
© 2000 IMP, Inc.
PWM Controllers
3
Ordering Information
g
n
i
r
e
d
r
O
P
M
I
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
g
n
i
t
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
e
g
n
a
R
p
u
t
r
a
t
S
e
g
a
t
l
o
V
m
u
m
i
n
i
M
g
n
i
t
a
r
e
p
O
e
g
a
t
l
o
V
m
u
m
i
x
a
M
e
l
c
y
C
y
t
u
D
e
c
n
e
r
e
f
e
R
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
e
v
i
r
D
t
n
e
r
r
u
C
A
P
E
2
4
C
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
5
.
0
D
P
E
2
4
C
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
4
1
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
5
.
0
A
S
E
2
4
C
8
3
P
M
IO
S
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
5
.
0
D
S
E
2
4
C
8
3
P
M
IO
S
-
4
1
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
5
.
0
A
M
E
2
4
C
8
3
P
M
IO
S
o
r
c
i
M
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
5
.
0
D
/
2
4
C
8
3
P
M
IE
I
D
A
P
E
3
4
C
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
5
.
0
D
P
E
3
4
C
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
4
1
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
5
.
0
A
S
E
3
4
C
8
3
P
M
IO
S
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
5
.
0
D
S
E
3
4
C
8
3
P
M
IO
S
-
4
1
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
5
.
0
A
M
E
3
4
C
8
3
P
M
IO
S
o
r
c
i
M
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
5
.
0
D
/
3
4
C
8
3
P
M
IE
I
D
A
P
E
4
4
C
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
5
.
0
D
P
E
4
4
C
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
4
1
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
5
.
0
A
S
E
4
4
C
8
3
P
M
IO
S
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
5
.
0
D
S
E
4
4
C
8
3
P
M
IO
S
-
4
1
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
5
.
0
A
M
E
4
4
C
8
3
P
M
IO
S
o
r
c
i
M
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
5
.
0
D
/
4
4
C
8
3
P
M
IE
I
D
A
P
E
5
4
C
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
5
.
0
D
P
E
5
4
C
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
4
1
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
5
.
0
A
S
E
5
4
C
8
3
P
M
IO
S
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
5
.
0
D
S
E
5
4
C
8
3
P
M
IO
S
-
4
1
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
5
.
0
A
M
E
5
4
C
8
3
P
M
IO
S
o
r
c
i
M
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
5
.
0
D
/
5
4
C
8
3
P
M
IE
I
D
A
P
E
2
4
C
H
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
0
.
1
D
P
E
2
4
C
H
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
4
1
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
0
.
1
A
S
E
2
4
C
H
8
3
P
M
IO
S
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
0
.
1
D
S
E
2
4
C
H
8
3
P
M
IO
S
-
4
1
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
0
.
1
A
M
E
2
4
C
H
8
3
P
M
IO
S
o
r
c
i
M
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
6
9V
5
.
2A
0
.
1
D
/
2
4
C
H
8
3
P
M
IE
I
D
A
P
E
3
4
C
H
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
0
.
1
D
P
E
3
4
C
H
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
4
1
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
0
.
1
A
S
E
3
4
C
H
8
3
P
M
IO
S
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
0
.
1
D
S
E
3
4
C
H
8
3
P
M
IO
S
-
4
1
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
0
.
1
A
M
E
3
4
C
H
8
3
P
M
IO
S
o
r
c
i
M
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
6
9V
5
.
2A
0
.
1
D
/
3
4
C
H
8
3
P
M
IE
I
D
A
P
E
4
4
C
H
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
0
.
1
D
P
E
4
4
C
H
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
4
1
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
0
.
1
A
S
E
4
4
C
H
8
3
P
M
IO
S
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
0
.
1
D
S
E
4
4
C
H
8
3
P
M
IO
S
-
4
1
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
0
.
1
A
M
E
4
4
C
H
8
3
P
M
IO
S
o
r
c
i
M
-
8
– 0
4 °
5
8
o
t
C
°CV
5
.
4
1V
0
.
9%
0
5V
5
.
2A
0
.
1
D
/
4
4
C
H
8
3
P
M
IE
I
D
A
P
E
5
4
C
H
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
0
.
1
D
P
E
5
4
C
H
8
3
P
M
IP
I
D
c
i
t
s
a
l
P
-
4
1
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
0
.
1
A
S
E
5
4
C
H
8
3
P
M
IO
S
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
0
.
1
D
S
E
5
4
C
H
8
3
P
M
IO
S
-
4
1
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
0
.
1
A
M
E
5
4
C
H
8
3
P
M
IO
S
o
r
c
i
M
-
8
– 0
4 °
5
8
o
t
C
°CV
4
.
8V
6
.
7%
0
5V
5
.
2A
0
.
1
D
/
5
4
C
H
8
3
P
M
IE
I
D
s
p
e
.
2
0
t
_
C
H
/
C
8
3
For SO and MicroSO packages, append “/T” to the ordering part number for tape and reel packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com