Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP38C42/D Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP38C42/D
Description  BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP38C42/D Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP38C42/D Datasheet HTML 1Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 2Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 3Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 4Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 5Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 6Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 7Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 8Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
2
408-432-9100/www.impweb.com
© 2000 IMP, Inc. !
S
Pin Descriptions
Pin Configuration
IMP38C4x
IMP38HC4x
1
COMP
2
FB
3
ISNS
4
RT/CT
VREF
VDD
OUT
GND
8
7
6
5
38C/HC_02.eps
SO/MicroSO/DIP
SO/DIP
IMP38C4x
IMP38HC4x
1
COMP
2
NC
3
FB
4
NC
VREF
NC
VDD
VD
14
13
12
11
5
ISNS
OUT
10
6
NC
AGND
9
7
RT/CT
PGND
8
38C/HC_03.eps
r
e
b
m
u
N
n
i
P
e
m
a
Nn
o
i
t
c
n
u
F
e
g
a
k
c
a
P
n
i
P
-
8e
g
a
k
c
a
P
n
i
P
-
4
1
11
P
M
O
C
.
r
o
t
a
r
a
p
m
o
c
M
W
P
e
h
t
o
t
t
u
p
n
i
d
n
a
r
e
i
f
il
p
m
a
r
o
r
r
E
e
h
t
f
o
t
u
p
t
u
O
23
B
F.
r
e
i
f
il
p
m
A
r
o
r
r
E
e
h
t
f
o
t
u
p
n
i
g
n
i
t
r
e
v
n
I
35
S
N
S
I.
V
1
o
t
d
e
t
i
m
il
y
ll
a
n
r
e
t
n
i
s
i
t
I
.
t
u
p
n
i
r
o
t
a
r
a
p
m
o
c
e
s
n
e
s
t
n
e
r
r
u
C
47
T
C
/
T
R
o
t
d
e
t
c
e
n
n
o
c
s
i
T
R
r
o
t
s
i
s
e
R
.
n
o
i
t
c
e
n
n
o
c
t
n
e
n
o
p
m
o
c
g
n
i
m
i
t
C
R
r
o
t
a
ll
i
c
s
O
V
F
E
R
d
n
a
T
R
f
o
s
e
u
l
a
v
t
n
e
r
e
f
f
i
D
.
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
s
i
T
C
r
o
t
i
c
a
p
a
c
d
n
a
.
e
l
c
y
c
y
t
u
d
m
u
m
i
x
a
m
e
h
t
e
n
i
m
r
e
t
e
d
T
C
58
D
N
G
P
/
D
N
G
r
e
w
o
p
d
n
a
s
e
c
i
v
e
d
d
e
g
a
k
c
a
p
n
i
p
-
8
r
o
f
d
n
u
o
r
g
g
o
l
a
n
a
d
n
a
r
e
w
o
p
d
e
n
i
b
m
o
C
.
e
g
a
k
c
a
p
n
i
p
-
4
1
r
o
f
d
n
u
o
r
g
60
1T
U
O
n
e
h
w
W
O
L
d
l
e
h
y
l
e
v
i
t
c
a
s
i
n
i
p
T
U
O
.
t
u
p
t
u
o
r
e
v
i
r
d
e
l
o
p
-
m
e
t
o
t
,
r
e
w
o
p
-
h
g
i
H
V C
C
.
d
l
o
h
s
e
r
h
t
O
L
V
U
e
h
t
w
o
l
e
b
s
i
72
1V D
D
.
t
u
p
n
i
e
g
a
t
l
o
v
y
l
p
p
u
S
84
1V
F
E
R
.
t
u
p
t
u
o
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
-
V
5
9D
N
G
A.
e
g
a
k
c
a
p
n
i
p
-
4
1
r
o
f
n
o
i
t
c
e
n
n
o
c
d
n
u
o
r
g
g
o
l
a
n
A
1
1VD
.
e
g
a
k
c
a
p
n
i
p
-
4
1
r
o
f
e
g
a
t
l
o
v
y
l
p
p
u
s
r
e
v
i
r
d
t
u
p
t
u
O
3
1
,
6
,
4
,
2C
N.
n
o
i
t
c
e
n
n
o
c
l
a
n
r
e
t
n
i
o
N
s
p
e
.
1
0
t
_
C
H
-
C
8
3
powered through the out pin. Leakage current from the external
power MOSFETs will not force the PWM output to rise and turn
the external MOSFETs on.
Current-sense propagation delay time is 35ns typical, 65ns maxi-
mum, representing an up to 75 percent reduction over other 38xx
implementations.
Output stage drive is 0.5A for IMP38C4x devices. The high-drive
IMP38HC4x family is rated at 1.0A peak current drive.
Like conventional 384x controllers, the IMP38C4x and
IMP38HC4x controllers use the current-mode architecture for
superior load regulation, pulse-by-pulse current limiting and out-
put MOSFET protection. All versions operate up to 20 volts.
For maximum application flexibility, start-up voltage ranges from
14.5V to 8.4V. Start-up current has been reduced to 120
µA maxi-
mum and operating current has been reduced to 1.5mA maximum.
The IMP38C4x/IMP38HC4x are available in 8-pin and 14-pin DIP
and SO packages as well as the 8-pin MicroSO package. The 14-
pin devices provide separate pins for the controller power supply
and the output driver supply. This configuration maximizes
application flexibility and performance. The 14-pin package can
also dissipate more power. Devices in the compact 8-pin packages
do not have separate output drive supply connections.
The IMP38C4x and IMP38HC4x families operate over the –40
°C
to +85
°C temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com