Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP38C42/D Datasheet(PDF) 9 Page - A1 PROs co., Ltd.

Part # IMP38C42/D
Description  BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP38C42/D Datasheet(HTML) 9 Page - A1 PROs co., Ltd.

Back Button IMP38C42/D Datasheet HTML 2Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 3Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 4Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 5Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 6Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 7Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 8Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 9Page - A1 PROs co., Ltd. IMP38C42/D Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
© 2000 IMP, Inc.
PWM Controllers
9
Package Dimensions
D1
D
eA
C
0
°–15°
A
E1
E
e1
B1
B
L
A1
Plastic DIP (14-Pin).eps
Plastic DIP (14-Pin)
SO (14-Pin)
H
E
eB
D
A1
A
SO (16-Pin).eps
L
0
°– 8°
C
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
4
1
(
O
S
A6
2
9
0
.
03
4
0
1
.
05
3
.
25
6
.
2
1
A0
4
0
0
.
08
1
1
.
00
1
.
00
3
.
0
B3
1
0
.
00
2
0
.
03
3
.
01
5
.
0
C1
9
0
0
.
05
2
1
0
.
03
2
.
02
3
.
0
D5
6
4
3
.
02
2
6
3
.
00
8
.
80
2
.
9
E4
1
2
.
02
9
9
2
.
00
4
.
70
6
.
7
eC
S
B
0
5
0
.
0C
S
B
7
2
.
1
H4
9
3
.
09
1
4
.
00
0
.
0
15
6
.
0
1
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
*
*
)
n
i
P
-
4
1
(
P
I
D
c
i
t
s
a
l
P
A5
5
1
.
00
0
2
.
04
9
.
38
0
.
5
1
A0
2
.
00
5
.
01
5
.
07
2
.
1
B4
1
0
.
00
2
0
.
06
5
3
.
08
0
5
.
0
1
B0
5
0
.
05
6
0
.
07
2
.
15
6
.
1
C8
0
0
.
02
1
0
.
04
0
2
.
04
0
3
.
0
D5
4
7
.
00
7
7
.
03
9
.
8
15
5
.
9
1
E0
0
3
.
05
2
3
.
02
6
.
75
2
.
8
1
E0
4
2
.
00
6
2
.
00
1
.
60
6
.
6
1
eP
Y
T
0
0
1
.
0P
Y
T
4
5
.
2
A
eP
Y
T
0
0
3
.
0P
Y
T
2
6
.
7
L0
0
1
.
0
–
–
–
–
–
8
1
.
31
8
.
3
F
A
3
1
0
-
S
M
g
n
i
w
a
r
D
C
E
D
E
J
*
B
A
-
A
A
1
0
0
-
O
M
g
n
i
w
a
r
D
C
E
D
E
J
*
*
3
t
a
.
6
0
t
_
C
H
/
C
8
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com