Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2230UP Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2230UP
Description  10-Bit,170Msps/135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2230UP Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2230UP Datasheet HTML 3Page - Linear Technology LTC2230UP Datasheet HTML 4Page - Linear Technology LTC2230UP Datasheet HTML 5Page - Linear Technology LTC2230UP Datasheet HTML 6Page - Linear Technology LTC2230UP Datasheet HTML 7Page - Linear Technology LTC2230UP Datasheet HTML 8Page - Linear Technology LTC2230UP Datasheet HTML 9Page - Linear Technology LTC2230UP Datasheet HTML 10Page - Linear Technology LTC2230UP Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTC2230/LTC2231
7
22301fb
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
45
40
600
100
400
200
2230 G06
500
300
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
45
40
600
100
400
200
2230 G07
500
300
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
45
40
600
100
400
200
2230 G08
500
300
SAMPLE RATE (Msps)
0
90
85
80
75
70
65
60
55
50
160
2230 G09
40
20
60
100
140
180
80
120
200
SNR
SFDR
SAMPLE RATE (Msps)
0
90
85
80
75
70
65
60
55
50
160
2230 G10
40
20
60
100
140
180
80
120
200
SNR
SFDR
SAMPLE RATE (Msps)
0
290
280
270
260
250
240
230
220
210
80
2230 G11
20 40 60
180
160
140
120
100
200
2V RANGE
1V RANGE
SAMPLE RATE (Msps)
0
60
50
40
30
20
10
0
80
2230 G12
20 40 60
180
160
140
120
100
200
LVDS OUTPUTS, 0VDD = 3.3V
CMOS OUTPUTS, 0VDD = 1.8V
INPUT LEVEL (dBFS)
0
100
90
80
70
60
50
40
30
20
10
0
–40
2230 G13
–10
–20
–30
–50
dBFS
dBc
TYPICAL PERFOR A CE CHARACTERISTICS
LTC2230: SFDR (HD2 and HD3) vs
Input Frequency, –1dB, 1V Range
LTC2230: SFDR (HD4+) vs Input
Frequency, –1dB, 2V Range
LTC2230: SFDR (HD4+) vs Input
Frequency, –1dB, 1V Range
LTC2230: SFDR and SNR
vs Sample Rate, 2V Range,
fIN = 30MHz, –1dB
LTC2230: SFDR and SNR
vs Sample Rate, 1V Range,
fIN = 30MHz, –1dB
LTC2230: IVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2230: IOVDD vs Sample Rate,
5MHz Sine Wave Input, –1dB
LTC2230: SFDR vs Input Level,
fIN = 70MHz, 2V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com