Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2230UP Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2230UP
Description  10-Bit,170Msps/135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2230UP Datasheet(HTML) 3 Page - Linear Technology

  LTC2230UP Datasheet HTML 1Page - Linear Technology LTC2230UP Datasheet HTML 2Page - Linear Technology LTC2230UP Datasheet HTML 3Page - Linear Technology LTC2230UP Datasheet HTML 4Page - Linear Technology LTC2230UP Datasheet HTML 5Page - Linear Technology LTC2230UP Datasheet HTML 6Page - Linear Technology LTC2230UP Datasheet HTML 7Page - Linear Technology LTC2230UP Datasheet HTML 8Page - Linear Technology LTC2230UP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2230/LTC2231
3
22301fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN
+ – AIN–)
3.1V < VDD < 3.5V (Note 7)
●
±0.5 to ±1V
VIN, CM
Analog Input Common Mode (AIN
+ + AIN–)/2
Differential Input (Note 7)
●
1
1.6
1.9
V
Single Ended Input (Note 7)
●
0.5
1.6
2.1
V
IIN
Analog Input Leakage Current
0 < AIN+, AIN– < VDD
●
–1
1
μA
ISENSE
SENSE Input Leakage
0V < SENSE < 1V
●
–1
1
μA
IMODE
MODE Pin Pull-Down Current to GND
10
μA
ILVDS
LVDS Pin Pull-Down Current to GND
10
μA
tAP
Sample and Hold Acquisition Delay Time
0
ns
tJITTER
Sample and Hold Acquisition Delay Time Jitter
0.15
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
80
dB
Full Power Bandwidth
Figure 8 Test Circuit
775
MHz
LTC2230
LTC2231
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio (Note 10)
5MHz Input (1V Range)
59.5
59.5
dB
5MHz Input (2V Range)
61.2
61.2
dB
70MHz Input (1V Range)
59.5
59.5
dB
70MHz Input (2V Range)
●
60.4
61.1
60.4
61.1
dB
140MHz Input (1V Range)
59.4
59.4
dB
140MHz Input (2V Range)
61.0
61.0
dB
250MHz Input (1V Range)
59.0
59.0
dB
250MHz Input (2V Range)
60.6
60.6
dB
SFDR
Spurious Free Dynamic Range
5MHz Input (1V Range)
80
80
dB
2nd or 3rd Harmonic (Note 11)
5MHz Input (2V Range)
78
78
dB
70MHz Input (1V Range)
80
80
dB
70MHz Input (2V Range)
●
64
78
68
78
dB
140MHz Input (1V Range)
78
78
dB
140MHz Input (2V Range)
78
78
db
250MHz Input (1V Range)
75
78
dB
250MHz Input (2V Range)
74
78
dB
SFDR
Spurious Free Dynamic Range
5MHz Input (1V Range)
86
86
dB
4th Harmonic or Higher (Note 11)
5MHz Input (2V Range)
86
86
dB
70MHz Input (1V Range)
86
86
dB
70MHz Input (2V Range)
●
73
86
74
86
dB
140MHz Input (1V Range)
86
86
dB
140MHz Input (2V Range)
86
86
dB
250MHz Input (1V Range)
85
85
dB
250MHz Input (2V Range)
85
85
dB
S/(N+D)
Signal-to-Noise
5MHz Input (1V Range)
59.5
59.5
dB
Plus Distortion Ratio (Note 12)
5MHz Input (2V Range)
61.2
61.2
dB
70MHz Input (1V Range)
59.5
59.5
dB
70MHz Input (2V Range)
●
59.5
61.1
60
61.1
dB
IMD
Intermodulation Distortion
fIN1 = 138MHz,
81
81
dBc
fIN2 = 140MHz
A ALOG I PUT
DY A IC ACCURACY
The
● denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25
°C. (Note 9)
The
● denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com