Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2230UP Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2230UP
Description  10-Bit,170Msps/135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2230UP Datasheet(HTML) 1 Page - Linear Technology

  LTC2230UP Datasheet HTML 1Page - Linear Technology LTC2230UP Datasheet HTML 2Page - Linear Technology LTC2230UP Datasheet HTML 3Page - Linear Technology LTC2230UP Datasheet HTML 4Page - Linear Technology LTC2230UP Datasheet HTML 5Page - Linear Technology LTC2230UP Datasheet HTML 6Page - Linear Technology LTC2230UP Datasheet HTML 7Page - Linear Technology LTC2230UP Datasheet HTML 8Page - Linear Technology LTC2230UP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2230/LTC2231
1
22301fb
■ Wireless and Wired Broadband Communication
■ Cable Head-End Systems
■ Power Amplifier Linearization
■ Communications Test Equipment
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
■ Sample Rate: 170Msps/135 Msps
■
61dB SNR up to 140MHz Input
■ 75dB SFDR up to 200MHz Input
■ 775MHz Full Power Bandwidth S/H
■
Single 3.3V Supply
■ Low Power Dissipation: 890mW/660mW
■ LVDS, CMOS, or Demultiplexed CMOS Outputs
■
Selectable Input Ranges:
±0.5V or ±1V
■ No Missing Codes
■ Optional Clock Duty Cycle Stabilizer
■
Shutdown and Nap Modes
■ Data Ready Output Clock
■ Pin Compatible Family
185Msps: LTC2220-1 (12-Bit)
170Msps: LTC2220 (12-Bit), LTC2230 (10-Bit)
135Msps: LTC2221 (12-Bit), LTC2231 (10-Bit)
■
64-Pin 9mm x 9mm QFN Package
10-Bit,170Msps/
135Msps ADCs
The LTC
®2230 and LTC2231 are 170Msps/135Msps, sam-
pling 10-bit A/D converters designed for digitizing high
frequency, wide dynamic range signals. The LTC2230/
LTC2231 are perfect for demanding communications
applications with AC performance that includes 61dB SNR
and 75dB spurious free dynamic range for signals
up to 200MHz. Ultralow jitter of 0.15psRMS allows
undersampling of IF frequencies with excellent noise
performance.
DC specs include
±0.2LSB INL (typ), ±0.1LSB DNL (typ)
and no missing codes over temperature. The transition
noise is a low 0.12LSBRMS.
The digital outputs can be either differential LVDS, or
single-ended CMOS. There are three format options for
the CMOS outputs: a single bus running at the full data rate
or two demultiplexed buses running at half data rate with
either interleaved or simultaneous update. A separate
output power supply allows the CMOS output swing to
range from 0.5V to 3.6V.
The ENC+ and ENC– inputs may be driven differentially or
single ended with a sine wave, PECL, LVDS, TTL, or CMOS
inputs. An optional clock duty cycle stabilizer allows high
performance at full speed for a wide range of clock duty
cycles.
–
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D9
•
•
•
D0
ENCODE INPUT
REFH
REFL
ANALOG
INPUT
22301 TA01
CMOS
OR
LVDS
3.3V
VDD
OVDD
OGND
0.5V
TO 3.6V
INPUT FREQUENCY (MHz)
0
90
85
80
75
70
65
60
55
50
45
40
600
100
400
200
2230 TA01b
500
300
4th OR HIGHER
2nd OR 3rd
SFDR vs Input Frequency
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2230UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2230 LINER-LTC2230 Datasheet
695Kb / 28P
Electrical Specifications Subject to Change
LTC2230 LINER-LTC2230 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2230CUP LINER-LTC2230CUP Datasheet
695Kb / 28P
Electrical Specifications Subject to Change
LTC2230IUP LINER-LTC2230IUP Datasheet
695Kb / 28P
Electrical Specifications Subject to Change
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
More results

Similar Description - LTC2230UP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2152-14 LINER-LTC2152-14 Datasheet
4Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2234 LINER-LTC2234_15 Datasheet
610Kb / 24P
10-Bit, 135Msps ADC
LTC2220 LINER-LTC2220_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2221 LINER-LTC2221_15 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
LTC2230 LINER-LTC2230_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2231 LINER-LTC2231_15 Datasheet
707Kb / 32P
10-Bit,170Msps/ 135Msps ADCs
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2220 LINER-LTC2220 Datasheet
802Kb / 32P
12-Bit,170Msps/ 135Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com