Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2230UP Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2230UP
Description  10-Bit,170Msps/135Msps ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2230UP Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2230UP Datasheet HTML 8Page - Linear Technology LTC2230UP Datasheet HTML 9Page - Linear Technology LTC2230UP Datasheet HTML 10Page - Linear Technology LTC2230UP Datasheet HTML 11Page - Linear Technology LTC2230UP Datasheet HTML 12Page - Linear Technology LTC2230UP Datasheet HTML 13Page - Linear Technology LTC2230UP Datasheet HTML 14Page - Linear Technology LTC2230UP Datasheet HTML 15Page - Linear Technology LTC2230UP Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC2230/LTC2231
12
22301fb
(CMOS Mode)
AIN+ (Pins 1, 2): Positive Differential Analog Input.
AIN– (Pins 3, 4): Negative Differential Analog Input.
REFHA (Pins 5, 6): ADC High Reference. Bypass to
Pins 7, 8 with 0.1
μF ceramic chip capacitor, to Pins 11, 12
with a 2.2
μF ceramic capacitor and to ground with 1μF
ceramic capacitor.
REFLB (Pins 7, 8): ADC Low Reference. Bypass to Pins 5,
6 with 0.1
μF ceramic chip capacitor. Do not connect to
Pins 11, 12.
REFHB (Pins 9, 10): ADC High Reference. Bypass to
Pins 11, 12 with 0.1
μF ceramic chip capacitor. Do not
connect to Pins 5, 6.
REFLA (Pins 11, 12): ADC Low Reference. Bypass to
Pins 9, 10 with 0.1
μF ceramic chip capacitor, to Pins 5, 6
with a 2.2
μF ceramic capacitor and to ground with 1μF
ceramic capacitor.
VDD (Pins 13, 14, 15, 62, 63): 3.3V Supply. Bypass to
GND with 0.1
μF ceramic chip capacitors.
GND (Pins 16, 61, 64): ADC Power Ground.
ENC+ (Pin 17): Encode Input. The input sample starts on
the positive edge.
ENC– (Pin 18): Encode Complement Input. Conversion
starts on the negative edge. Bypass to ground with 0.1
μF
ceramic for single-ended ENCODE signal.
SHDN (Pin 19): Shutdown Mode Selection Pin. Connect-
ing SHDN to GND and OE to GND results in normal
operation with the outputs enabled. Connecting SHDN to
GND and OE to VDD results in normal operation with the
outputs at high impedance. Connecting SHDN to VDD and
OE to GND results in nap mode with the outputs at high
impedance. Connecting SHDN to VDD and OE to VDD
results in sleep mode with the outputs at high impedance.
OE (Pin 20): Output Enable Pin. Refer to SHDN pin
function.
DNC (Pins 21, 22, 40, 43): Do not connect these pins.
DB0 - DB9 (Pins 23, 24, 27, 28, 29, 30, 31, 32, 35, 36):
Digital Outputs, B bus. At high impedance in full rate
CMOS mode. DB9 is MSB.
OGND (Pins 25, 33, 41, 50): Output Driver Ground.
OVDD (Pins 26, 34, 42, 49): Positive Supply for the Output
Drivers. Bypass to ground with 0.1
μF ceramic chip
capacitor.
OFB (Pin 37): Over/Under Flow Output for B bus. High
when an over or under flow has occurred. At high imped-
ance in full rate CMOS mode.
CLKOUTB (Pin 38): Data Valid Output for B bus. In demux
mode with interleaved update, latch B bus data on the
falling edge of CLKOUTB. In demux mode with simulta-
neous update, latch B bus data on the rising edge of
CLKOUTB. This pin does not become high impedance in
full rate CMOS mode.
CLKOUTA (Pin 39): Data Valid Output for A bus. Latch A
bus data on the falling edge of CLKOUTA.
DA0 - DA9 (Pins 44 to 48, 51 to 55): Digital Outputs, A bus.
DA9 is the MSB.
OFA (Pin 56): Over/Under Flow Output for A bus. High
when an over or under flow has occurred.
LVDS (Pin 57): Output Mode Selection Pin. Connecting
LVDS to 0V selects full rate CMOS mode. Connecting
LVDS to 1/3VDD selects demux CMOS mode with simulta-
neous update. Connecting LVDS to 2/3VDD selects demux
CMOS mode with interleaved update. Connecting LVDS to
VDD selects LVDS mode.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com