Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1310-R60MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDL1310-R60MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1310-R60MF Datasheet(HTML) 2 Page - Superworld Electronics

  SDL1310-R60MF Datasheet HTML 1Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 2Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 3Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
5. ELECTRICAL CHARACTERISTICS :
HIGH CURRENT POWER INDUCTORS
SDL1310 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.05.2008
SDL1310-R60MF
0.60±20%
30
0.25V / 100K
1.0
40
( µH )
Inductance L
Part No.
Test
Frequency
( Hz )
0
( m )
Max.
DCR
Max.
( A )
( A )
Max.
Irms
Isat
6. CHARACTERISTICS CURVES :
SDL1310-R60MF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com