Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1310-R60MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDL1310-R60MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1310-R60MF Datasheet(HTML) 4 Page - Superworld Electronics

  SDL1310-R60MF Datasheet HTML 1Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 2Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 3Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
05.05.2008
HIGH CURRENT POWER INDUCTORS
SDL1310 SERIES
Styrofoam
Inner box
Carton
Size
1800
360
SDL1310
180
a soldering iron must be employed the following precautions are recommended.
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
Figure 2. Iron Soldering
Over 1min.
30~60s
Figure 1. Re-flow Soldering
cooling
Natural
230
60~120s
150
180
Preheating
250~260
Soldering
10s max.
260
150
Preheating
280
a) Preheat circuit and products to 150°C.
c) Never contact the ceramic with the iron tip
d) 1.0mm tip diameter (max)
f) Limit soldering time to 3 secs.
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
b) 280°C tip temperature (max)
Note :
Recommended temperature profiles for re-flow soldering in Figure 1.
8-2.2 Soldering Iron (Figure 2) :
air soldering tools.
8-2.1 Solder Re-flow :
8-2. Soldering
8. SOLDERIND AND MOUNTING :
8-1. Recommended PC Board Pattern ( Unit : mm )
Gradual
Cooling
Within 3secs.
Soldering
Natural
cooling
6.0±0.5
9. PACKING AND QUANTITY :



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com