Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1310-R60MF Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDL1310-R60MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1310-R60MF Datasheet(HTML) 1 Page - Superworld Electronics

  SDL1310-R60MF Datasheet HTML 1Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 2Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 3Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S D L 1 3 1 0 - R 6 0 M F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : R60 = 0.60uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Tolerance code : M = ±20%
(e) F : Lead Free
SDL1310 SERIES
HIGH CURRENT POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
05.05.2008
B
A
13.0 Max.
14.0 Max.
mm
mm
A
I
H
G
F
E
D
C
7.3±0.5
9.0 Max.
3.5±0.5
6.0±0.5
6.0±0.5
7.3±0.5
mm
E
mm
mm
mm
mm
mm
mm
PCB Pattern
H
2.0±0.5
4. GENERAL SPECIFICATION :
c) Irms (A) : Will cause coil temp. to rise approximately T=60°C without core loss.
b) Storage temp. : -55°C to +125°C
a) Operating temp. : -55°C to +125°C
d) Isat (A) : Will cause L to drop approximately 20%
e) Part temperature (ambient + temp. rise) : Should not exceed 125°C under worst case operating conditions.
0


Similar Part No. - SDL1310-R60MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDL1310P-1R0MF SUPERWORLD-SDL1310P-1R0MF Datasheet
1Mb / 8P
High Curren Power Inductors
SDL1310P-1R5MF SUPERWORLD-SDL1310P-1R5MF Datasheet
1Mb / 8P
High Curren Power Inductors
SDL1310P-2R0MF SUPERWORLD-SDL1310P-2R0MF Datasheet
1Mb / 8P
High Curren Power Inductors
SDL1310P-3R3MF SUPERWORLD-SDL1310P-3R3MF Datasheet
1Mb / 8P
High Curren Power Inductors
SDL1310P-4R7MF SUPERWORLD-SDL1310P-4R7MF Datasheet
1Mb / 8P
High Curren Power Inductors
More results

Similar Description - SDL1310-R60MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCP0805 EATON-HCP0805 Datasheet
444Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com