Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDL1310-R60MF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDL1310-R60MF
Description  HIGH CURRENT POWER INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDL1310-R60MF Datasheet(HTML) 3 Page - Superworld Electronics

  SDL1310-R60MF Datasheet HTML 1Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 2Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 3Page - Superworld Electronics SDL1310-R60MF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
05.05.2008
HIGH CURRENT POWER INDUCTORS
SDL1310 SERIES
7. RELIABILITY AND TEST CONDITION :
approximately
T=40°C without core loss
Total : 5 cycles
Humidity Resistance
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
1. Appearance : No damage
Measure at room temperature after placing for 2 to 3 hrs.
Measure at room temperature after placing for 2 to 3 hrs.
Applied Current : Rated Curent
Time : 500±12 hours
Humidity : 90% to 95%
Temperature : 40±5°C
10±0.5
seconds
Life Test
1. Appearance : No damage
Thermal Shock
2. Inductance : Within ±20% of initial value.
No disconnection or short circuit.
High Temperature
Low Temperature
Life Test
Reliability Test
60
seconds
150°C
cooling
230°C
Solder Heat Resistance
1. Appearance : No significant abnormality
2. Inductance change : Within ±20%
260°C
Dipping
Preheating
Natural
cooling
60
seconds
150°C
4±1
seconds
Mechanical Performance Test
Solderability Test
Saturation Current (Isat)
More than 90% of the terminal electrode
should be covered with solder.
Dipping
Preheating
Natural
Time : 500±12 hours
Times (min.)
Measure at room temperature after placing for 2 to 3 hrs.
Room Temperature
Room Temperature
+125±3
3
4
1
2
30±3
Within 3
-55±3
30±3
Within 3
Temperature (°C)
Conditions of 1 cycle.
Step
Measure at room temperature after placing for 2 to 3 hrs.
Temperature : 125±5°C
Time : 500±12 hours
Temperature : -55±5°C
Flux for lead free : rosin
Preheat : 150°C, 60sec.
Solder Temperature : 260±5°C
Flux for lead free : rosin
Dip Time : 10±0.5sec.
Solder : Sn-Ag3.0-Cu0.5
Dip Time : 4±1sec.
Isat(A) will cause Lo to drop approximately 20%
2. Temperature measured by digital surface thermometer
Solder Temperature : 230±5°C
Solder : Sn-Ag3.0-Cu0.5
Preheat : 150°C, 60sec.
1. Applied the allowed DC current
Electrical Characteristics Test
Heat Rated Current (Irms)
Inductance
DCR
ITEM
Refer to standard electrical characteristics list
PERFORMANCE
Irms(A) will cause the coil temperature rise
HP4284A, CH11025, CH3302, CH1320, CH1320S
CH16502, Agilent33420A Micro-Ohm Meter.
LCR meter.
TEST CONDITION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com