Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND050VL-LED Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND050VL-LED
Description  LCD Color Monitor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND050VL-LED Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND050VL-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 7Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 8Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 9Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
05/13/03
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
1
AND050VL-LED
640 x 480 Pixels
LCD Color Monitor
The AND050VL-LED is a compact full color TFT LCD
module, whose driving board is capable of converting
composite video signals to the proper interface of LCD panel
and is suitable for computer peripheral, industrial meter,
image communication and multi media.
This device consists of an amorphous silicon panel with
back-light, incorporating a TFT-array that has 640 x 480
pixels on a 5 inch diagonal screen, with pixel in stripe
configuration, 262,144 display colors and a LVDS
transmission interface.
Features
• VGA (640 x 480 pixels) resolution
• Amorphous silicon TFT LCD panel with LED back-
light
• Pixel in stripe configuration
• Light weight and slim
• Displays 262,144 colors
• Optimum Viewing Direction: 6 o’clock
• Image Reversion: Up/Down & Left/Right
• Supports the DENB mode, Sync mode (Hsync+Vsync)
• LVDS transmission interface
Mechanical Characteristics
Parameter
Specification
Unit
Screen Size
5.0 (diagonal)
inch
Display
Format
640 (H) x (R, G, B) x 480(V)
dot
Display
Colors
262,144
Active Area
101.76 (H) x 74.88 (V)
mm
Pixel Pitch
0.159 (H) x 0.156 (V)
mm
Pixel
Configuration
Stripe
Outline
Dimension
120.7 (H) x 92.8 (V) x 12.5 (D)
mm
Weight
173.6 ± 10
g
Back-light
24-LED
Diplay Mode /
Surface
Normally white /
Anti-glare & SWV film
Product specifications contained herein may be changed without prior notice. It is therefore advisable to contact Purdy
Electronics before proceeding with the design of equipment incorporating this product.
Recommended Driving Condition for LED Back Light
GND= 0V Ta=25ºC
Parameter
Symbol
Specifications
Unit
Remark
Min.
Typ.
Max.
Supply Voltage of LED Backlight
VLED
11.0
11.5
V
IL=20mA
Supply Current of LED Backlight
ILED
20
mA
Note 1
Backlight Power Consumption
PLED
1.76
1.84
W
Note 2
Note 1: The LED driving condition is defined for each LED module. (3 LED Serial)
Note 2: PLED = VLED1 * ILED1 + VLED2 * ILED2 .... + VLED7 * ILED7 + VLED8 * ILED8
• RoHS Compliant


Similar Part No. - AND050VL-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND050VL-LED PURDY-AND050VL-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
AND050VL-LED PURDY-AND050VL-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
AND050VL-LED-KIT PURDY-AND050VL-LED-KIT Datasheet
754Kb / 12P
AND050VL-LED-KIT
More results

Similar Description - AND050VL-LED

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND-TFT-5TS-DHB-KIT PURDY-AND-TFT-5TS-DHB-KIT Datasheet
410Kb / 7P
LCD Color Monitor
AND-TFT-5VX PURDY-AND-TFT-5VX Datasheet
260Kb / 9P
LCD Color Monitor
AND-TFT-5VX-4HB PURDY-AND-TFT-5VX-4HB Datasheet
275Kb / 9P
LCD Color Monitor
AND-TFT-5VX-4HB-KIT PURDY-AND-TFT-5VX-4HB-KIT Datasheet
642Kb / 12P
LCD Color Monitor
AND-TFT-5VX-KIT PURDY-AND-TFT-5VX-KIT Datasheet
577Kb / 11P
LCD Color Monitor
AND-TFT-25XS-LED PURDY-AND-TFT-25XS-LED Datasheet
123Kb / 6P
LCD Color Monitor
AND-TFT-35PA PURDY-AND-TFT-35PA Datasheet
194Kb / 4P
LCD Color Monitor
AND-TFT-35PA-4HB PURDY-AND-TFT-35PA-4HB Datasheet
197Kb / 4P
LCD Color Monitor
AND-TFT-35XS-LED-KIT PURDY-AND-TFT-35XS-LED-KIT Datasheet
342Kb / 8P
LCD Color Monitor
AND-TFT-64PA PURDY-AND-TFT-64PA Datasheet
219Kb / 6P
LCD Color Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com