Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND050VL-LED Datasheet(PDF) 6 Page - Purdy Electronics Corporation

Part # AND050VL-LED
Description  LCD Color Monitor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND050VL-LED Datasheet(HTML) 6 Page - Purdy Electronics Corporation

  AND050VL-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 7Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 8Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 9Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AND050VL-LED
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
05/13/03
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
6
Interface Timing: Timing Parameters
Item
Symbol
Min.
Typ.
Max.
Unit
Power Supply
VCC
3.0
3.3
3.6
V
CLK
Frequency
1/tc
25
MHz
tc
–40–
ns
HSYNC
Period
Hp
–32–
us
800
tc
Display period
Hdp
640
tc
Pulse width
Hpw
96
tc
Back-porch
Hbp
46
tc
Front-porch
Hfp
18
tc
Hpw+Hbp
142
tc
Hsync-CLK
Hhc
10
Tc-10
ns
Vsync-Hsync
Hvh
0
0
200
tc
VSYNC
Period
Vp
16.8
ms
525
Hp
Display period
Vdp
480
Hp
Pulse width
Vpw
2
Hp
Back-porch
Vbp
33
Hp
Front-porch
Vfp
10
Hp
Vpw + Vbp
35
Hp
DENB
Horizontal scanning period
T1
800
tc
Horizontal display period
T2
640
tc
Vertical display period
T3
480
T1
Frame cycling period
T4
520
525
800
T1
R, G, B
CLK-DATA
Dcd
10
ns
DATA-CLK
Ddc
8
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com