Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND050VL-LED Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND050VL-LED
Description  LCD Color Monitor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND050VL-LED Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND050VL-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 7Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 8Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 9Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AND050VL-LED
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
05/13/03
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
2
Absolute Maximum Ratings*:
GND=OV, Ta=25ºC
Parameters
Symbol
Min.
Max.
Unit
Remark
Supply Voltage
VCC
-0.3
+7.0
V
Input Signals Voltage
Vsig
-0.3
VCC+0.3
V
Note 1
* The above are maximum values, which if exceeded, may cause faulty operation or damage to the unit.
Note 1: Input signals include CLK, Hsync, Vsync, DENB, R[0:5], G[0:5] and B[0:5].
Electrical Characteristics: Recommended Operating Conditions GND=0V, Ta=25ºC
Item
Symbol
Specifications
Unit
Remark
Min.
Typ.
Max.
Supply Voltage
VCC
3.0
3.3
3.6
V
Current Dissipation
ICC
77.90
mA
Note 1
LVDS Differential Input High Threshold
VTH
100
mV
Note 2
LVDS Differential Input Low Threshold
VTL
-100
Note 2
Voom Voltage
Vccm
2.7
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com