Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AND050VL-LED Datasheet(PDF) 4 Page - Purdy Electronics Corporation

Part # AND050VL-LED
Description  LCD Color Monitor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND050VL-LED Datasheet(HTML) 4 Page - Purdy Electronics Corporation

  AND050VL-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 7Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 8Page - Purdy Electronics Corporation AND050VL-LED Datasheet HTML 9Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AND050VL-LED
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
05/13/03
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
4
Connector Type: DFL19K-20P-1H(HRS)
Pin #.
Symbol
Function
1
Vcc
+3.3V Power Supply
2
Vcc
+3.3V Power Supply
3
GND
Ground
4
GND
Ground
5
IN0-
LVDS receiver signal channel 0
6
IN0+
LVDS receiver signal channel 0
7
GND
Ground
8
IN1-
LVDS receiver signal channel 1
9
IN1+
LVDS receiver signal channel 1
10
GND
Ground
11
IN2-
LVDS receiver signal channel 2
12
IN2+
LVDS receiver signal channel 2
13
GND
Ground
14
CLK-
LVDS receiver signal clock
15
CLK+
LVDS receiver signal clock
16
GND
Ground
17
NC
No Connection
18
NC
No Connection
19
GND
Ground
20
GND
Ground
Backlight Driving
Connector Type: JST BHSR-02VS-1, Pin No 2-pin
Pin No.
Symbol
Description
Remarks
1
+
Input terminal (Positive electrode side)
Wire color: Red
2
-
Input terminal (Ground side)
Wire color: Black
Input Terminals:
TFT-LCD Panel Driving



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com