Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3703 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3703
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3703 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3703 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703
Preliminary Datasheet
4
BCD Semiconductor Manufacturing Limited
Feb. 2009 Rev. 1.0
Parameter
Value
Unit
Supply Voltage VCC
-0.3 to 30
V
Voltage at CS, OUT to GND
-0.3 to 7
V
FB input (Pin 5)
-40 to 10
V
Output Current at OUT
Internally limited
A
Operating Junction Temperature
150
oC
Storage Temperature
-65 to 150
oC
Lead Temperature (Soldering, 10s)
300
oC
Thermal Resistance Junction-to-Ambient
250
oC/W
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.
Ordering Information
Circuit Type
AP3703
-
TR: Tape and Reel
Package
K: SOT-23-5
G1: Green
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOT-23-5
-40 to 85oC
AP3703KTR-G1
GAT
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com