Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3703 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP3703
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3703 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP3703 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703
5
BCD Semiconductor Manufacturing Limited
Feb. 2009 Rev. 1.0
Preliminary Datasheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
UVLO SECTION
Start-up Threshold
VTH (ST)
16.5
19.5
22.5
V
Minimal Operating Voltage
VOPR(min)
6.5
8
9.5
V
STANDBY CURRENT SECTION
Start-up Current
IST
VCC = VTH (ST)-0.5V,
Before start-up
45
60
µA
Operating Current
ICC(OPR) Static
240
300
µA
DRIVE OUTPUT SECTION
OUT Maximum Current
Sink
IOUT
50
mA
Source
24
30
36
CURRENT SENSE SECTION
Current Sense Threshold
VCS
450
485
530
mV
Pre-Current Sense
VCS(PRE)
350
395
440
mV
Leading Edge Blanking
430
ns
FEEDBACK INPUT SECTION
Feedback
Pin
Input
Leakage
Current
IFB
VFB=4V
2.3
2.7
3.1
µA
Feedback Threshold
VFB
3.65
3.95
4.25
V
Enable Turn-on Voltage
VFB(EN)
-2.0
-1.5
-1.0
V
Over Voltage Protection
VFB(OVP)
6.4
8
9.6
V
(VCC=15V, TA=25oC, unless otherwise specified.)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com