Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3703 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3703
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3703 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3703 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703
Preliminary Datasheet
3
BCD Semiconductor Manufacturing Limited
Feb. 2009 Rev. 1.0
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3703
VCC
OUT
GND
FB
CS
Regulator
&
Bias
OVP
&
OCkP
Tonsec
Detector
S&H
0.1V
4.0V
pfm
Tons
UVLO
Vea
COMP
COMP
EA
Tons
V+
pfm_d
UVLO
pro
CV_ctrl
COMP
COMP
LEB Delay
430ns
pfm_d
pfm
pfm
Driver
RQ
S
RQ
S
V
DD
I
Tons
0.5V
0.46V
0.75*I
3.75V
CC_ctrl
Vea
V+
t
COMP
3
1
2
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com