Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3703 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3703
Description  LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3703 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3703 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3703 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3703
Preliminary Datasheet
8
BCD Semiconductor Manufacturing Limited
Feb. 2009 Rev. 1.0
Operation Description (Continued)
where the Vd is the diode forward drop voltage.
The output voltage is different from the secondary
voltage in a diode forward drop voltage that depends
on the current. If the secondary voltage is always
detected at a fixed secondary current, the difference
between the output voltage and the secondary voltage
will be a fixed Vd. For AP3703, the voltage detection
point is at two-thirds of the D1 on-time, which means
the the secondary voltage is detected at a fixed
secondary current of one-third of Ipks. The CV loop
control function of AP3703 then generates a D1 off-
time to regulate the output voltage.
Constant Current Operation
Figure 10 shows the secondary current waveforms.
In CC operation, the CC loop control function of
AP3703 will keep a fixed proportion between D1 on-
time Tons and D1 off-time Toffs by discharging or
charging a capacitor embedded in the IC. The fixed
proportion is:
The relationship between the output constant-current
and secondary peak current Ipks is given by:
At the instant of D1 turn-on, the primary current
transfers to the secondary at an amplitude of:
Thus the output constant-current is given by:
Leading Edge Blanking
When the power switch is turned on, a turn-on spike
will occur on the sense-resistor. To avoid false-
termination of the switching pulse, a 430ns leading-
edge blanking is built in. During this blanking period,
the current sense comparator is disabled and the gate
driver can not be switched off.
CCM Protection
The AP3703 is designed to operate in discontinuous
conduction mode (DCM) in both CV and CC modes.
To avoid operating in continuous conduction mode
(CCM), the AP3703 detects the falling edge of the FB
input voltage on each cycle. If a 0.1V falling edge of
FB is not detected, the AP3703 will stop switching.
OVP & OCkP
The AP3703 includes output over-voltage protection
(OVP) and open circuit protection (OCkP) circuitry as
shown in Figure 11. If the voltage at FB pin exceeds
8V, 100% above the normal detection voltage, or the
-1.5V falling edge of the FB input can not be
monitored, the AP3703 will immediately shut off and
enters hiccup mode. The AP3703 sends out a fault
detection pulse every 24ms in hiccup mode until the
fault has been removed.
Figure 9. Auxiliary Voltage Waveform
Is
0A
See equation 8
Tons
Toffs
Iout
Figure 10. Secondary Current Waveform
3
4
=
Toffs
Tons
......(6)
Toffs
Tons
Tons
Ipks
Iout
+
×
×
=
2
1
......(7)
Ipk
N
N
Ipks
S
P
×
=
......(8)
Ipk
N
N
Toffs
Tons
Tons
Ipk
N
N
Iout
S
P
S
P
×
×
=
+
×
×
×
=
7
2
2
1
......(9)
0V
See equation 5
Tons
2/3 Tons



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com