Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC16652 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC16652
Description  16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16652 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC16652 Datasheet HTML 2Page - Texas Instruments SN74LVC16652 Datasheet HTML 3Page - Texas Instruments SN74LVC16652 Datasheet HTML 4Page - Texas Instruments SN74LVC16652 Datasheet HTML 5Page - Texas Instruments SN74LVC16652 Datasheet HTML 6Page - Texas Instruments SN74LVC16652 Datasheet HTML 7Page - Texas Instruments SN74LVC16652 Datasheet HTML 8Page - Texas Instruments SN74LVC16652 Datasheet HTML 9Page - Texas Instruments SN74LVC16652 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74LVC16652
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS319B – NOVEMBER 1993 – REVISED JULY 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
FUNCTION TABLE
INPUTS
DATA I/O†
OPERATION OR FUNCTION
OEAB
OEBA
CLKAB
CLKBA
SAB
SBA
A1 THRU A8
B1 THRU B8
OPERATION OR FUNCTION
L
H
H or L
H or L
X
X
Input
Input
Isolation
L
H
↑↑
X
X
Input
Input
Store A and B data
X
H
↑
H or L
X
X
Input
Unspecified‡
Store A, hold B
H
H
↑↑
X‡
X
Input
Output
Store A in both registers
L
X
H or L
↑
X
X
Unspecified‡
Input
Hold A, store B
L
L
↑↑
XX‡
Output
Input
Store B in both registers
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real-time A data to B bus
H
H
H or L
X
H
X
Input
Output
Stored A data to B bus
H
L
H or L
H or L
H
H
Output
Output
Stored A data to B bus and
Stored B data to A bus
† The data output functions may be enabled or disabled by a variety of level combinations at the OEAB or OEBA inputs. Data input functions are
always enabled; i.e., data at the bus terminals is stored on every low-to-high transition on the clock inputs.
‡ Select control = L; clocks can occur simultaneously.
Select control = H; clocks must be staggered in order to load both registers.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)§
Supply voltage range, VCC
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Except I/O ports (see Note 1)
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O ports (see Notes 1 and 2)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Notes 1 and 2)
– 0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
– 50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum power dissipation at TA = 55°C (in still air) (see Note 3): DGG package
1 W
. . . . . . . . . . . . . . . . . .
DL package
1.4 W
. . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
§ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This value is limited to 4.6 V maximum.
3. The maximum package power dissipation is calculated using a junction temperature of 150
°C and a board trace length of 750 mils.
For more information, refer to the
Package Thermal Considerations application note in the 1994 ABT Advanced BiCMOS Technology
Data Book, literature number SCBD002B.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com