Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC16652 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74LVC16652
Description  16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16652 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC16652 Datasheet HTML 2Page - Texas Instruments SN74LVC16652 Datasheet HTML 3Page - Texas Instruments SN74LVC16652 Datasheet HTML 4Page - Texas Instruments SN74LVC16652 Datasheet HTML 5Page - Texas Instruments SN74LVC16652 Datasheet HTML 6Page - Texas Instruments SN74LVC16652 Datasheet HTML 7Page - Texas Instruments SN74LVC16652 Datasheet HTML 8Page - Texas Instruments SN74LVC16652 Datasheet HTML 9Page - Texas Instruments SN74LVC16652 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SN74LVC16652
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS319B – NOVEMBER 1993 – REVISED JULY 1995
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
100
0
80
MHz
tw
Pulse duration, CLK high or low
4.5
4.5
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
Data high or low
5
5
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
Data high or low
0
0
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
100
80
MHz
A or B
B or A
1.5
7
8
tpd
CLKAB or CLKBA
AorB
1.5
8.5
9.5
ns
SAB or SBA
A or B
1.5
8.5
9.5
ten
OE or OE
A or B
1.5
8
9
ns
tdis
OE or OE
A or B
1.5
8.5
9.5
ns
operating characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=10MHz
25
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF, f = 10 MHz
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com