Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC16652 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC16652
Description  16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC16652 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC16652 Datasheet HTML 1Page - Texas Instruments SN74LVC16652 Datasheet HTML 2Page - Texas Instruments SN74LVC16652 Datasheet HTML 3Page - Texas Instruments SN74LVC16652 Datasheet HTML 4Page - Texas Instruments SN74LVC16652 Datasheet HTML 5Page - Texas Instruments SN74LVC16652 Datasheet HTML 6Page - Texas Instruments SN74LVC16652 Datasheet HTML 7Page - Texas Instruments SN74LVC16652 Datasheet HTML 8Page - Texas Instruments SN74LVC16652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74LVC16652
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS319B – NOVEMBER 1993 – REVISED JULY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
™ Family
D EPIC ™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
D Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
D Latch-Up Performance Exceeds 250 mA
Per JEDEC Standard JESD-17
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) and Thin Shrink
Small-Outline (DGG) Packages
description
This 16-bit bus transceiver and register is
designed for low-voltage (3.3-V) VCC operation.
The SN74LVC16652 consists of D-type flip-flops
and control circuitry arranged for multiplexed
transmission of data directly from the data bus or
from the internal storage registers. The device can
be used as two 8-bit transceivers or one 16-bit
transceiver.
Complementary
output-enable
(OEAB
and
OEBA) inputs control the transceiver functions.
Select-control (SAB and SBA) inputs select
whether real-time or stored data is transferred. A
low input level selects real-time data, and a high input level selects stored data. The circuitry used for select
control eliminates the typical decoding glitch that occurs in a multiplexer during the transition between stored
and real-time data. Figure 1 illustrates the four fundamental bus-management functions that can be performed
with the SN74LVC16652.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC and Widebus are trademarks of Texas Instruments Incorporated.
DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OEAB
1CLKAB
1SAB
GND
1A1
1A2
VCC
1A3
1A4
1A5
GND
1A6
1A7
1A8
2A1
2A2
2A3
GND
2A4
2A5
2A6
VCC
2A7
2A8
GND
2SAB
2CLKAB
2OEAB
1OEBA
1CLKBA
1SBA
GND
1B1
1B2
VCC
1B3
1B4
1B5
GND
1B6
1B7
1B8
2B1
2B2
2B3
GND
2B4
2B5
2B6
VCC
2B7
2B8
GND
2SBA
2CLKBA
2OEBA
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LVC16652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI2-SN74LVC16646A Datasheet
579Kb / 18P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
REVISED APRIL 2005
SN74LVC16646ADGGR TI-SN74LVC16646ADGGR Datasheet
192Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646ADGGR TI2-SN74LVC16646ADGGR Datasheet
579Kb / 18P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
REVISED APRIL 2005
More results

Similar Description - SN74LVC16652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16646 TI-SN74ALVCH16646 Datasheet
188Kb / 12P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16646A TI-SN74LVCH16646A Datasheet
190Kb / 12P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A TI-SN74LVCH16652A Datasheet
189Kb / 12P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74AVC16646 TI-SN74AVC16646 Datasheet
225Kb / 18P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
16-Bit Bus Transceiver and Register with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16646A TI-SN74LVCH16646A_V01 Datasheet
1Mb / 17P
16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com